Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM641-CS632 Datasheet(PDF) 3 Page - DFI Inc

Part # RM641-CS632
Description  9th/8th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641-CS632 Datasheet(HTML) 3 Page - DFI Inc

  RM641-CS632 Datasheet HTML 1Page - DFI Inc RM641-CS632 Datasheet HTML 2Page - DFI Inc RM641-CS632 Datasheet HTML 3Page - DFI Inc RM641-CS632 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
9th/8th Generation Intel® Core™ /Pentium®/Celeron® LGA 1151 Socket
Processors: Intel® Core™, Xeon®, i7/i5/i3, Pentium® and Celeron®, TDP up to 80W
Chipset
Intel® C246 Chipset
Memory
Four 288-pin DIMM up to 128GB Dual Channel DDR4 2400/2666MHz (ECC/non ECC)
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
2 x DP++
VGA: resolution up to 1920x1200@60Hz
DP++: resolution up to 4096x2160@60Hz
Triple Displays
VGA + 2 x DP++
STORAGE
External
3 x 5.25" Optical drive bays (Front Accessible)
1 x 3.5" SATA 3.0 drive bay (Front Accessible)
EXPANSION
Interface
1 x PCIe x16 (Gen 3) (x8/x8 signals as opt., MOQ required)
3 x PCIe x4 (Gen 3)
2 x PCI
1 x Mini PCIe (PCIe/mSATA, share w/SATA conn. as opt./USB2.0)
1 x M.2 2242/2280 M key (PCIe x4 NVMe, Intel optane memory support)
AUDIO
Audio Codec
Realtek ALC887 (ALC888 as opt.)
Interface
1 x Line-in (available upon request)
1 x Line-out
1 x Mic-in
ETHERNET
Controller
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PCIe with iAMT12.0 (10/100/1000Mbps)
(only Xeon/Core i7/i5 supports iAMT)
FRONT I/O
USB
2 x USB 2.0 (available upon request)
Buttons
1 x Power Button
1 x Reset Button
LED
1 x Power LED
1 x HDD LED
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (RS-232 w/ power) (DB-9)
USB
4 x USB 3.1 Gen1
2 x USB 2.0
Display
1 x VGA
2 x DP++
Audio
1 x Line-in (available upon request)
1 x Line-out
1 x Mic-in
PS/2
1 x PS/2 (mini-DIN-6)
Cutout
DB-9 x 4, DB-25, USB x 2
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
Power
Supply
ATX PS/2 power supply 500W AC power input : 90~264V
COOLING
Fan
2 x 92cm System fan with quick access filter
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Linux
Linux
ENVIRONMENT
Operating Temperature
0 to 45°C
Storage Temperature
-20 to 60°C
Relative Humidity
0 to 90% RH (non-condensing)
MECHANICAL
Construction
SECC
Mounting
Flexible hold down bar
Dimensions(W x H x D)
483 x 177 x 451mm
Weight
14.3kg
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Vibration
Operating: random 5~500Hz 1G
Non-operating: sweep sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Certification
CE, FCC, RoHS, UKCA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com