Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPS100 Datasheet(PDF) 4 Page - DFI Inc

Part # RPS100
Description  14th/13th/12th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS100 Datasheet(HTML) 4 Page - DFI Inc

  RPS100 Datasheet HTML 1Page - DFI Inc RPS100 Datasheet HTML 2Page - DFI Inc RPS100 Datasheet HTML 3Page - DFI Inc RPS100 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
• 1 RPS100 motherboard
• 1 Serial ATA data cable (Length: 500mm)
• 1 I/O shield (P/N: TBD)
• 3 M.2 screw/standoff
• Thermal solution (For 65W, Height: 46mm)
A71-101137-000G
• Thermal solution (For 35W, Height: 39mm)
A71-101136-000G
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © January 16, 2025 DFI Inc.
SPECIFICATION
Model Name
RPS100-R680E
RPS100-Q670E
RPS100-H610E
INTERNAL I/O
USB
2 x USB 2.0 (2.0mm pitch)
2 x USB 2.0 (2.0mm pitch)
2 x USB 2.0 (2.0mm pitch)
Display
1 x M.2 A key, support M2A-Display
(eDP/LVDS/VGA/HDMI/DP) by
optional
1 x M.2 A key, support M2A-Display
(eDP/LVDS/VGA/HDMI/DP) by
optional
1 x M.2 A key, support M2A-Display
(eDP/LVDS/VGA/HDMI/DP) by
optional
Audio
1 x Line-out/Mic-in
1 x Line-out/Mic-in
1 x Line-out/Mic-in
SATA
2 x SATA 3.0
2 x SATA 3.0
2 x SATA 3.0
DIO
1 x 8-bit DIO
1 x 8-bit DIO
1 x 8-bit DIO
SMBus
1 x SMBus
1 x SMBus
1 x SMBus
WATCHDOG
TIMER
Output &
Interval
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
System Reset, Programmable via
Software from 1 to 255 Seconds
SECURITY
TPM
dTPM (default)
fTPM (option)
dTPM (default)
fTPM (option)
dTPM (default)
fTPM (option)
POWER
Type
ATX
ATX
ATX
Connector
4-pin ATX 12V power
24-pin ATX power
4-pin ATX 12V power
24-pin ATX power
4-pin ATX 12V power
24-pin ATX power
Consumption Idle: Intel i9-13900E 65W:
12V @ 4.475A (53.7W)
Max: Intel i9-13900E 65W:
12V @ 22.167A (266.0W)
Idle: Intel i9-13900E 65W:
12V @ 4.475A (53.7W)
Max: Intel i9-13900E 65W:
12V @ 22.167A (266.0W)
Idle: Intel i9-13900E 65W:
12V @ 4.475A (53.7W)
Max: Intel i9-13900E 65W:
12V @ 22.167A (266.0W)
RTC Battery
CR2032 Coin Cell
CR2032 Coin Cell
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Windows 10 IoT Enterprise 64-bit
Windows 11 LTSC
Linux
Linux
Linux
Linux
ENVIRONMENT Temperature Operating: -5°C ~ 65°C
Storage: -40°C ~ 85°C
Operating: -5°C ~ 65°C
Storage: -40°C ~ 85°C
Operating: -5°C ~ 65°C
Storage: -40°C ~ 85°C
Humidity
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
MTBF
RPS100-R680EDB: 586,419 hrs @
25°C; 359,315 hrs @ 45°C ; 236,986
hrs @ 60°C ; 177,038 hrs @ 70°C
Calculation model:
Telcordia Issue 4
Environment: GB, GC – Ground
Benign, Controlled
TBD
TBD
MECHANISM
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: TBD
PCB: 1.6mm
Top Side: TBD
PCB: 1.6mm
Top Side: TBD
CERTIFICATION Certification CE, FCC, RoHS
CE, FCC, RoHS
CE, FCC, RoHS
Model Name
P/N
Memory
Rear I/O
Internal I/O
TPM
Power Operating
Temp.
Display
2.5 GbE
USB
COM
M.2
USB
RPS100-R680EDB 770-RPS1001-000G
2 DDR5 DP++/HDMI/VGA
2
2 USB 3.2 Gen2,
4 USB 3.2 Gen1
2
M.2 M/B/E Key 2 USB 2.0 w/ TPM
ATX
-5 to 65°C
RPS100-Q670EDB 770-RPS1001-100G
6 USB 3.2 Gen1
RPS100-H610EDB 770-RPS1001-200G
4 USB 3.2 Gen1,
2 USB 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com