Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPS631 Datasheet(PDF) 2 Page - DFI Inc

Part # RPS631
Description  14th/13th/12th Gen Intel® CoreTM ATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS631 Datasheet(HTML) 2 Page - DFI Inc

  RPS631 Datasheet HTML 1Page - DFI Inc RPS631 Datasheet HTML 2Page - DFI Inc RPS631 Datasheet HTML 3Page - DFI Inc RPS631 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
H610
Channel A
SATAIII
DDI
DDR5 5600MHz DIMM
SATA 4x
HDMI 2.0
DMI 4.0
LGA 1700
2.5G LAN 1
USB 3.2 Gen1 2x
LAN I226-V
USB 2.0
USB 2.0 2x
Vertical Type A
Channel B
DDR5 5600MHz DIMM
IT66318
VGA
PCIe 3.0
M.2 M key (x2 NVMe)
PCIe 3.0
USB 2.0
USB 3.2 Gen2/Gen1
PCIe 3.0
1G LAN 2
USB 3.2 Gen1 2x
USB 2.0 2x
USB 2.0
USB 2.0
USB 3.2 Gen2/Gen1
PCIe 4.0
PCIe x16 Slot
PCIe
IT8892
PCI
PCI Slot 4x
DDI
DP to VGA
PCIe x4 2x (x2)
HDA
S/PDIF
Front Audio
Audio Jack
(Line-out/Mic-in/Line-in (opt.))
Realtek
ALC888
RS232/422/485 2x
RS232 4x
Super IO
with WDT
Fan Control
Case Open
H/W Monitor
PS/2 KB/MS
eSPI
SMBus
SMBus
8 Bit DIO
SPI
SPI BIOS
TPM 2.0
eSPI
80 port Header
USB 2.0
USB 2.0 2x
colay vertical Type A
MDI
LAN I219-V
PCIe 3.0
MDI
304.80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com