Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD170 Datasheet(PDF) 2 Page - DFI Inc

Part # SD170
Description  7/6th Gen Intel® CoreTM Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

SD170 Datasheet(HTML) 2 Page - DFI Inc

  SD170 Datasheet HTML 1Page - DFI Inc SD170 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD170
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 18, 2023 DFI Inc.
• 1 SD170 motherboard
• 1 COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• 1 Serial ATA data cable (Length: 300mm)
A81-002013-000G
• I/O shiled
A49-SD1700-000G
SYSTEM
Processor
7th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-7700 Processor, Quad Core, 8M Cache, 3.6GHz (4.2GHz), 65W
Intel® Core™ i5-7500 Processor, Quad Core, 6M Cache, 3.4GHz (3.8GHz), 65W
Intel® Core™ i3-7101E Processor, Dual Core, 3M Cache, 3.9GHz , 65W
6th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-6700, Quad Core, 8M Cache, 3.4GHz (4.0GHz), 65W
Intel® Core™ i7-6700TE, Quad Core, 8M Cache, 2.4GHz (3.4GHz), 35W
Intel® Core™ i5-6500, Quad Core, 6M Cache, 3.2GHz (3.6GHz), 65W
Intel® Core™ i5-6500TE, Quad Core, 6M Cache, 2.3GHz (3.3GHz), 35W
Intel® Core™ i3-6100, Dual Core, 3M Cache, 3.7GHz, 47W
Intel® Core™ i3-6100TE, Dual Core, 4M Cache, 2.7GHz, 35W
Intel® Pentium® G4400, Dual Core, 3M Cache, 3.3GHz, 47W
Intel® Pentium® G4400TE, Dual Core, 3M Cache, 2.4GHz, 35W
Intel® Celeron® Processor G3900, Dual Core, 2M Cache, 2.8GHz, 65W
Intel® Celeron® Processor G3900TE, Dual Core, 2M Cache, 2.6GHz, 35W
Chipset
Intel® H110
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 2133MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
1 x HDMI 1.4
1 x DP++
VGA: resolution up to 1920x1200 @ 60Hz
HDMI 1.4: resolution support 4K @ 24 Hz
DP: resolution up to 4096x2304 @ 60Hz
Triple Displays
VGA + HDMI + DP++
EXPANSION
Interface
1 x PCIe x16 (Gen 3)
1 x Full-size Mini PCIe (USB2.0/SATA, PCIe x1 opt. and share with M.2) (support SIM slot)
1 x M.2 2280 M key (PCIe x1/SATA, PCIe x1 opt. and shared with Mini PCIe)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR (Realtek ALC262 opt.)
ETHERNET
Controller
4 x Intel® I210AT PCIe (10/100/1000Mbps) or Intel® I211AT PCIe (10/100/1000Mbps) (opt.)
REAR I/O
Ethernet
4 x GbE (RJ-45)
Serial
1 x RS-232/422/485
USB
2 x USB 3.0 Type A connector
Display
1 x VGA
1 x HDMI 1.4
1 x DP++
INTERNAL I/O
Serial
1 x RS-232/422/485
2 x RS-232 (w/power)
USB
2 x USB 3.0
4 x USB 2.0
1 x USB 2.0 Type A connector for Watchdog Timer
Audio
1 x S/PDIF
1 x Front audio (Line-out and Mic-in)
SATA
2 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 16-bit DIO
LPC
1 x LPC
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
fTPM 2.0/dTPM 2.0 (opt.)
POWER
Type
ATX
Connector
4-pin ATX 12V power
24-pin ATX power
Consumption
Idle: i7-7700 65W: 12V @ 1.28A (15.36W), 5V @ 0.54A (2.7W), 3.3V @ 0.47A (1.55W)
Max: i7-7700 65W: 12V @ 6.78A (81.36W), 5V @ 0.72A (3.6W), 3.3V @ 0.58A (1.91W)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft/Linux
Windows 7 (/WES7) 32/64-bit
Windows 8.1 (64-bit)
Windows 10 IoT Enterprise 64-bit
Note: 7th Gen Intel Core processors only support Win 10.
Debian 8 (with VESA graphic driver)
CentOS 7 (with VESA graphic driver)
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
SD170: 661,927 hrs @ 25°C; 395,601 hrs @ 45°C ; 253,051 hrs @ 60°C
Calculation model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 20mm, Bottom Side: 3mm
CERTIFICATIONS
CE, FCC Class B, RoHS
• USB 2.0 port cable (Length: 200mm)
A81-001032-016G
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015001-000G
• Serial ATA data cable (Length: 300mm)
A81-002013-000G
• Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com