Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103 Datasheet(PDF) 2 Page - DFI Inc

Part # SD103
Description  7/6th Gen Intel® CoreTM Thin Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

SD103 Datasheet(HTML) 2 Page - DFI Inc

  SD103 Datasheet HTML 1Page - DFI Inc SD103 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD101/SD103-Q170
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © February 22, 2024 DFI Inc.
• 1 SD101/SD103-Q170 motherboard
• 1 COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• 1-port SATA power and data (Length: 300mm, w/lock) A81-002101-016G
SYSTEM
Processor
7th Generation Intel
® Core™ Processors, LGA 1151 Socket
Intel
® Core™ i7-7700 Processor, Quad Core, 8M Cache, 3.6GHz (4.2GHz), 65W
Intel
® Core™ i5-7500 Processor, Quad Core, 6M Cache, 3.4GHz (3.8GHz), 65W
Intel
® Core™ i3-7101E Processor, Dual Core, 3M Cache, 3.9GHz , 65W
6th Generation Intel
® Core™ Processors, LGA 1151 Socket
Intel
® Core™ i7-6700, Quad Core, 8M Cache, 3.4GHz (4.0GHz), 65W
Intel
® Core™ i7-6700TE, Quad Core, 8M Cache, 2.4GHz (3.4GHz), 35W
Intel
® Core™ i5-6500, Quad Core, 6M Cache, 3.2GHz (3.6GHz), 65W
Intel
® Core™ i5-6500TE, Quad Core, 6M Cache, 2.3GHz (3.3GHz), 35W
Intel
® Core™ i3-6100, Dual Core, 3M Cache, 3.7GHz, 47W
Intel
® Core™ i3-6100TE, Dual Core, 4M Cache, 2.7GHz, 35W
Intel
® Pentium® G4400, Dual Core, 3M Cache, 3.3GHz, 47W
Intel
® Pentium® G4400TE, Dual Core, 3M Cache, 2.4GHz, 35W
Intel
® Celeron® Processor G3900, Dual Core, 2M Cache, 2.8GHz, 65W
Intel
® Celeron® Processor G3900TE, Dual Core, 2M Cache, 2.6GHz, 35W
Chipset
Intel® Q170 Chipset
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 1866/2133MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x LVDS
1 x DVI-I (DVI-D signal)
1 x HDMI/DP (DP available upon request)
LVDS: dual channel, resolution up to 1920x1200 @ 60Hz
DVI-I: resolution up to 1920x1200 @ 60Hz
HDMI: resolution up to 2560x1600 @ 60Hz or 4096x2160 @ 24Hz
DP: resolution up to 4096x2304 @ 60Hz
Triple Displays
LVDS + DVI-I (DVI-D signal) + HDMI
LVDS + DVI-I (DVI-D signal) + DP
EXPANSION
Interface
1 x PCIe x4 (Gen 3)
1 x Full-size Mini PCIe (USB/PCIe/SATA, SATA by default)
1 x Half-size Mini PCIe (USB/PCIe/SATA, PCIe by default)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219LM PCIe with iAMT11.0 (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.0
Display
1 x DVI-I (DVI-D signal)
1 x HDMI/DP (DP available upon request)
INTERNAL I/O
Serial
3 x RS-232 (2.00mm pitch)
1 x RS-232/422/485 (RS-232 w/ power) (2.00mm pitch)
USB
4 x USB 2.0 (2.00mm pitch)
Display
1 x LVDS LCD Panel Connector
1 x LCD/Inverter Power
Audio
1 x Audio (Line-out/Mic-in)
1 x S/PDIF
SATA
2 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5/10
DIO
1 x 8-bit DIO
LPC
1 x LPC (supports LPC EXT-RS232/RS485 module) (available upon request)
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Single 12V +/-10% DC (SD101)
Wide Range 15~36V (SD103)
Connector
DC-in Jack
Right Angle Connector (4-pin) (available upon request)
Vertical Type Connector (4-pin) (available upon request)
Consumption
SD101-Q170
Typical: i5 65W: 12V @ 3.18A (38.16Watt)
Max.: i5 65W: 12V @ 5.51A (66.12Watt)
SD103-Q170
Typical: i5 65W: 19V @ 2.16A (41.04Watt)
Max.: i5 65W: 19V @ 3.68A (69.92Watt)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft/Linux
Windows 7 (/WES7) 32/64-bit
Windows 8.1 (64-bit)
Windows 10 IoT Enterprise 64-bit
Note: 7th Gen Intel Core processors only
support Win 10.
Debian 8 (with VESA graphic driver)
CentOS 7 (with VESA graphic driver)
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
SD101-Q170 : 435,042 hrs @ 25°C; 256,660 hrs @ 45°C ; 165,275 hrs @ 60°C
SD103-Q170 : 420,421 hrs @ 25°C; 246,826 hrs @ 45°C ; 158,744 hrs @ 60°C
Calculation model: Telcordia Issue 2, Method I Case 3
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 20mm, Bottom Side: 3mm
CERTIFICATIONS
CE, FCC Class B, RoHS, UL
• COM port cable (Length: 250mm, 1 x COM ports)
A81-015011-001G
• Audio (Line-out/Mic-in) cable (Length: 160mm)
A81-022007-016G
• Power adapter (100W, 12V, Level 6) (SD101)
671-110006-100G
• Power adapter (120W, 19V, Level 6) (SD103)
671-112009-100G
• Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
• LPC EXT-RS485 module (4 x RS485 ports)
770-EXTRS1-100G
• I/O shield
A49-SD1010-000G
• DT122 Chassis
761-DT1220-200G
• Intel 750 Series PCIe SSD (400GB)
635-604002-400G
• Intel 750 Series PCIe SSD (800GB)
635-608002-400G
• Intel 750 Series PCIe SSD (1.2TB)
635-612002-400G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com