Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0462 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0462
Description  STM32F101xx and STM32F103xx Flash loader demonstrator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0462 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0462 Datasheet HTML 6Page - STMicroelectronics UM0462 Datasheet HTML 7Page - STMicroelectronics UM0462 Datasheet HTML 8Page - STMicroelectronics UM0462 Datasheet HTML 9Page - STMicroelectronics UM0462 Datasheet HTML 10Page - STMicroelectronics UM0462 Datasheet HTML 11Page - STMicroelectronics UM0462 Datasheet HTML 12Page - STMicroelectronics UM0462 Datasheet HTML 13Page - STMicroelectronics UM0462 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
User interface description
UM0462
10/14
Step 4
At this step, select the requested operation –Erase, Download or Upload– and set the
related parameters:
●
Erase
–
Select the “All” button to erase the whole memory
–
Select the “Selection” button to customize the Erase operation. Click on the
“Selection” button to display the memory mapping dialog window, then check the
pages to be erased and click “Ok”.
●
Download
– Click the related browse button to open a binary, hexadecimal or S19 Motorola file.
If the loaded file is a binary file, the download address is the start address of the first
page and the “@” field is still editable to accept changes.
If the loaded file is a hexadecimal or an S19 motorola file, the download address is
the start address of the first record in the file, and the “@” field is read-only.
– Check the “Verify” check box to launch the verification process when the Download
operation is finished.
– Check “Jump to the user program” to launch the downloaded program.
– Check the “Optimize download duration” to filter FFs packets (256 bytes).
– Check ”Enable read protection after download” to activate the Flash memory read
protection.
●
Upload
– Click the related browse button to select which binary, hexadecimal or S19 motorola
file will store the uploaded data.
Note:
Erase and Download operations can be performed only if the write protection is disabled.
Consequently, the software will automatically disable the write protection before launching
the operation.
For Upload operations, the software will automatically disable the read protection before
launching the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com