Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840AL Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # IRF840AL
Description  Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

IRF840AL Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  IRF840AL Datasheet HTML 1Page - TRANSYS Electronics Limited IRF840AL Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IRF840AS/AL
Power MOSFET
V
DSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A
r
Mechanical Dimensions
Case TO262 Plastic
a
e
m
b
f
d
c
DIMENSIONS
Millimetres
Inches
Dim
Min
Min
Max
Max
a
b
c
d
e
f
g
h
j
k
m
n
10.29
10.54
0.405
0.415
9.91
10.54
0.390
0.415
1.15
0.045
1.15
1.40
0.045
0.055
0.69
0.93
0.027
0.037
4.20
4.69
0.165
0.185
0.46
0.55
0.018 0.022
2.54 Pitch
0.10 Pitch
3.55
4.06
0.140 0.160
g
2.64
2.92
0.104 0.115
1.22
1.32
0.048 0.052
n
j
k
h
1
2
3
3 - Source
1 - Gate
2 & 4 - Drain
13.47
14.09 0.530 0.555
4
Mechanical Dimensions
Case SMB 220 Plastic
a
e
p
k
n
j
b
f
m
d
c
DIMENSIONS
Millimetres
Inches
Dim
Min
Min
Max
Max
a
b
c
d
e
f
g
h
j
k
m
n
p
9.85
10.67
0.380
0.420
14.61
15.88 0.575
0.625
1.65
0.065
8.51
9.65
0.335 0.380
1.27
1.78
0.050 0.070
4.08
4.83
0.180
0.190
1.15
1.400 0.045
0.055
0.38
0.77
0.015 0.029
2.54 Pitch
0.10 Pitch
0.51
0.99
0.020
0.038
0.51
0.89
0.020
0.35
g
1.14
1.40 0.045
0.055
1.78
2.79
0.070 0.110
3 - Source
1 - Gate
2 & 4 - Drain
1
2
3
4
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com