Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6P9102002M Datasheet(PDF) 1 Page - Belden Inc.

Part # C6P9102002M
Description  CAT6, 24 AWG, UTP, PVC, Stranded Patch Cord, 8MOD-8MOD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C6P9102002M Datasheet(HTML) 1 Page - Belden Inc.

  C6P9102002M Datasheet HTML 1Page - Belden Inc. C6P9102002M Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C6P9xyyzzzz
CAT6, 24 AWG, UTP, PVC, Stranded Patch Cord, 8MOD-8MOD
Product Description
CAT6, 24 AWG, UTP, PVC, Stranded Patch Cord, 8MOD-8MOD
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
Stranded
BC - Bare Copper 4
Outer Jacket
Material
PVC - Polyvinyl Chloride
Packaging:
Individually packaged in a clear plastic bag.
Connectors
Materials
Description
Material
Plug Housing material
PC - Polycarbonate, UL 94V-2 rated
Contact Blade material Phosphor bronze plated with 50u’’ gold over 100u’’ nickel undercoat
Electrical Characteristics
Dielectric Strength:
1000 VAC
Current Rating:
1.5 A
Insulation Resistance:
100 M-Ohm Minimum
Max Contact
Resistance:
20 mOhm
Voltage
Voltage Rating [V]
72 VDC
Temperature Range
Operating
Temperature Range:
-10°C to +60°C
Mechanical Characteristics
Plug /Jack
Compatibility:
RJ45
Termination Interface
Durabilities
750 mating cycles
Standards


Similar Part No. - C6P9102002M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C6P0112N-A ETC2-C6P0112N-A Datasheet
80Kb / 3P
0.92 DIAMETER 1.0 AMP 28 VDC
C6P0112N-RA ETC2-C6P0112N-RA Datasheet
80Kb / 3P
0.92 DIAMETER 1.0 AMP 28 VDC
C6P0206N-A ETC2-C6P0206N-A Datasheet
80Kb / 3P
0.92 DIAMETER 1.0 AMP 28 VDC
C6P0206N-RA ETC2-C6P0206N-RA Datasheet
80Kb / 3P
0.92 DIAMETER 1.0 AMP 28 VDC
C6P0304N-A ETC2-C6P0304N-A Datasheet
80Kb / 3P
0.92 DIAMETER 1.0 AMP 28 VDC
More results

Similar Description - C6P9102002M

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-1611-001-BL ASSMANN-DK-1611-001-BL Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-003-B ASSMANN-DK-1611-003-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-B ASSMANN-DK-1611-010-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-100-B ASSMANN-DK-1611-100-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-GR ASSMANN-DK-1611-010-GR Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-015-G ASSMANN-DK-1611-015-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-020-G ASSMANN-DK-1611-020-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-050-WH ASSMANN-DK-1611-050-WH Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-100-G ASSMANN-DK-1611-100-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
A-MCU60020 ASSMANN-A-MCU60020 Datasheet
89Kb / 1P
Cat6 UTP Patch cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com