Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST810 Datasheet(PDF) 2 Page - Timeguard

Part # ST810
Description  Suretime PIR Automatic Light Switch - 2 Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

ST810 Datasheet(HTML) 2 Page - Timeguard

  ST810 Datasheet HTML 1Page - Timeguard ST810 Datasheet HTML 2Page - Timeguard ST810 Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Detection Angle
Switch Type
Mounting Hole Centres (mm)
Standby Consumption
Number Of Channels
Switch Rating
ON Time Adjustment
LUX Level
Detection Range (m)
Permanent ON Facility
Dusk Till Dawn
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Protruding Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
170°
One Way Switching
60
<1W
1
5W - 300W LED (With ZV900 Adapter), 300W
Halogen, 18W - 150W Fluorescent (Low-loss or
Electronic Ballast), 15W - 100W CFL
10 Seconds to 15 Minutes. User Adjustable
1 to 10
8 Front, 4 Side
Yes (Slider Switch)
No
Single or Two-Way (Light Switch Only)
Back Entry
General
113
86
86
50
27
Polycarbonate
White
Screws
5012483015070
2 Years
8536508090
Data sheet
ST810
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com