Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UWD1A331MCL Datasheet(PDF) 1 Page - Nichicon corporation

Part # UWD1A331MCL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWD1A331MCL Datasheet(HTML) 1 Page - Nichicon corporation

  UWD1A331MCL Datasheet HTML 1Page - Nichicon corporation UWD1A331MCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.3 MAX.
C
±0.2
H
H
0.3 MAX.
C
±0.2
L
±0.3
L
±0.5
Series
Capacitance
Lot No.
Lot No.
Capacitance
Plastic platform
Plastic platform
Series
Trade mark
Voltage (C:16V)
Voltage (V:35V)
Negative
Positive
Negative
Positive
U
1
W
2
D
3
1
4
C
5
2
6
2
7
0
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Package code
Capacitance tolerance (
±20%)
Rated Capacitance (22
µF)
Rated voltage (16V)
Series name
Type
(mm)
A
B
C
E
L
H
4
× 5.8
1.8
4.3
4.3
1.0
5.8
0.5 ~ 0.8
5
× 5.8
2.1
5.3
5.3
1.3
5.8
0.5 ~ 0.8
6.3
× 5.8
2.4
6.6
6.6
2.2
5.8
0.5 ~ 0.8
6.3
× 7.7
2.4
6.6
6.6
2.2
7.7
0.5 ~ 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 ~ 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 ~ 1.1
φ D × L
WD
series
Chip Type, Low Impedance
High Temperature (260°C) Reflow
Corresponding with 260°C peak reflow soldering
Recomended reflow condition : 260°C peak 5 sec. 230°C over 60 sec.
2 times (
φ10 × 10, : 1 time)
Chip type, low impedance temperature range up to +105°C.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Adapted to the RoHS directive (2002/95/EC).
Chip Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 50V
1 ~ 1500µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (µA), whichever is greater.
Black print on the case top.
After 5000 hours' (2000 hours for
φD 6.3)
application of rated voltage at 105°C , capacitors
meet the characteristic requirements listed at
right.
After storing the capacitors under no load at 105°C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Type numbering system (Example : 16V 22µF)
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
(
) is
φ8 over
Z– 25°C / Z+20°C
Z– 55°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
16
2
4
10
2
4
6.3
3
5
25
2
3
35
2
3
50
2
3
Rated voltage (V)
tan
δ (MAX.)
50
0.12 (0.14)
35
0.12 (0.14)
25
0.14 (0.16)
16
0.16 (0.20)
10
0.20 (0.24)
6.3
0.26 (0.28)
Within ±30% of initial value
Initial specified value or less
200% or less of initial specified value
Capacitance change
tan
δ
Leakage current
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
(
φ4 ~ φ6.3)
(
φ8 ~ φ10)
Dimension table in next page.
Voltage
V
6.3
10
16
25
35
50
Code
j
ACE
V
H
WD
UD
High
Temperature
Reflow
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100V


Similar Part No. - UWD1A331MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWD1A331MCL1GS NICHICON-UWD1A331MCL1GS Datasheet
699Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWD1A331MCL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com