Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED200FLWHP Datasheet(PDF) 2 Page - Timeguard

Part # LED200FLWHP
Description  17W LED Compact Floodlight Twin FloodWhite
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LED200FLWHP Datasheet(HTML) 2 Page - Timeguard

  LED200FLWHP Datasheet HTML 1Page - Timeguard LED200FLWHP Datasheet HTML 2Page - Timeguard LED200FLWHP Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
2000
118 lm/W
4000
SMD (Integrated)
60
Yes
Bottom Entry (Knockouts), Back Entry
General
300
160
167
50
Polycarbonate
White
Fittings, Setting Knob
5012483015834
3 Years
9405114090
Data sheet
LED200FLWHP
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com