Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDMR18WHMSN Datasheet(PDF) 2 Page - Timeguard

Part # LEDMR18WHMSN
Description  Microwave Presence Detection VersionWhite
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDMR18WHMSN Datasheet(HTML) 2 Page - Timeguard

  LEDMR18WHMSN Datasheet HTML 1Page - Timeguard LEDMR18WHMSN Datasheet HTML 2Page - Timeguard LEDMR18WHMSN Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Luminaire Efficiency
Colour Temperature (K)
LED Type
Mounting Hole Centres (mm)
Standby Consumption
ON Time Adjustment
LUX Level
Detection Range (m)
Microwave Sensor Frequency
Multiple Unit Support
Cable Entry(s)
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
Guarantee Period
Trade Tariff Commodity Code
83 lm/W
4000
SMD (On LED Plate)
200
<0.6W
10 Seconds to 30 Minutes
10 to 2000, User Adjustable
1 - 8
5.8GHz
Yes
Back Entry
General
682
280
280
53
Polycarbonate
White
Fittings
5012483015209
3 Years
9405114090
Data sheet
LEDMR18WHMSN
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com