Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP122 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # TIP122
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

TIP122 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  TIP122 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220 Plastic-Encapsulated Transistors
TIP120, 121, 122 Darlington TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
2
W (Tamb=25
℃)
Collector current
ICM:
5
A
Collector-base voltage
V(BR)CBO:
TIP120:
60
V
TIP121:
80
V
TIP122:
100 V
Operating and storage junction temperature range
TJ, Tstg:
-65
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
TIP120
Collector-base breakdown voltage
TIP121
TIP122
V(BR)CBO
Ic= 1mA, IE=0
60
80
100
V
TIP120
Collector-emitter breakdown voltage
TIP121
TIP12
V(BR)CEO
Ic= 100mA, IB=0
60
80
100
V
TIP120
Collector cut-off current
TIP121
TIP122
ICBO
VCB= 60V, IE=0
VCB= 80V, IE=0
VCB= 100V, IE=0
0.2
0.2
0.2
uA
TIP120
Collector cut-off current
TIP121
TIP122
ICEO
VCE=30V, IB=0
VCE=40V, IB=0
VCE=50V, IB=0
0.5
0.5
0.5
uA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
2
mA
DC current gain
hFE
VCE= 3V, IC= 0.5A
VCE= 3V, IC= 3 A
1000
1000
Collector-emitter saturation voltage
VCE(sat)
IC=3 A, IB=12 mA
IC=5 A, IB=20 mA
2
4
V
Base-emitter ON voltage
VBE(on)
VCE=3V, IC= 3 A
2.5
V
1 2 3
TO-220
1. BASE
2. COLLECTOR
3. EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - TIP122

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP122 MOSPEC-TIP122 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP122 MOTOROLA-TIP122 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP122 POINN-TIP122 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP122 STMICROELECTRONICS-TIP122 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Boca Semiconductor Corp...
TIP122 BOCA-TIP122 Datasheet
28Kb / 2P
Power Darlingtons for Linear and Switching Applications
More results

Similar Description - TIP122

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com