Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP145F Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # TIP145F
Description  SILICON PLANAR DARLINGTON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

TIP145F Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  TIP145F Datasheet HTML 1Page - TRANSYS Electronics Limited TIP145F Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON PLANAR DARLINGTON POWER TRANSISTORS
TIP140F, 141F, 142F NPN
TIP145F, 146F, 147F PNP
TO- 3P Fully Isolated
Plastic Package
For use in Power Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
TIP140F
TIP141F
TIP142F
UNIT
TIP145F
TIP146F
TIP147F
Collector-Base Voltage
VCBO
60
80
100
V
Collector-Emitter Voltage
VCEO
V
Emitter-Base Voltage
VEB0
V
Collector Current
IC
A
Collector Peak Current (repetitive)
ICM
A
Base Current
IB
A
Total Power Dissipation @ Tc <25ºC
PD
W
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL RESISTANCE
From Junction to case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cutoff Current
ICBO
VCB =Rated VCBO, IE=0
1.0
mA
Collector Cutoff Current
ICEO
VCE =1/2 rated VCEO, IB=0
2.0
mA
Emitter Cutoff Current
IEBO
VEB =5.0 V, IC=0
2.0
mA
Collector-Emitter Sustaining Voltage
*VCEO (sus)
IC =30mA, IB=0
TIP140F/145F
60
V
TIP141F/146F
80
V
TIP142F/147F
100
V
Collector-Emitter Saturation Voltage
*VCE (sat)
IC =5A, IB=10mA
2.0
V
IC =10A, IB =40mA
3.0
V
Base-Emitter On Voltage
*VBE (on)
IC =10A, VCE =4 V
3.0
V
DC Current Gain
*hFE
IC =5A, VCE =4V
1000
IC =10A, VCE =4 V
500
SWITCHING TIME
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Turn on time
ton
0.9
µs
Turn off time
toff
4.0
µs
*Pulsed : Pulse duration=200
µµs, duty cycle=1.5%
- 65 to +150
1.0
IC=10A, IB1=40mA, IB2=
- 40mA, RL=3Ω
10
0.5
60
20
60
80
100
5.0
B
C
E
Transys
Electronics
LI M ITE D


Similar Part No. - TIP145F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TIP145F SAMSUNG-TIP145F Datasheet
175Kb / 4P
PNP (HIGH DC CURRENT GAIN)
logo
Fairchild Semiconductor
TIP145F FAIRCHILD-TIP145F Datasheet
62Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
Continental Device Indi...
TIP145F CDIL-TIP145F Datasheet
89Kb / 2P
TO-3P Fully Isolated Plastic Package Transistor CDIL
More results

Similar Description - TIP145F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF100 CDIL-CJF100 Datasheet
298Kb / 4P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
CJF122 CDIL-CJF122 Datasheet
203Kb / 4P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
STBDW42 SEMTECH_ELEC-STBDW42 Datasheet
229Kb / 3P
NPN Silicon Planar Darlington Power Transistors
logo
Comset Semiconductor
BDX45 COMSET-BDX45 Datasheet
223Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
BDX42 COMSET-BDX42_12 Datasheet
66Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
logo
Continental Device Indi...
TIP142T CDIL-TIP142T Datasheet
415Kb / 3P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
TIP140 CDIL-TIP140 Datasheet
327Kb / 3P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
MJ11015 CDIL-MJ11015 Datasheet
176Kb / 3P
SILICON PLANAR DARLINGTON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX42 NJSEMI-BDX42 Datasheet
119Kb / 3P
SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com