Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT257E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT257E
Description  Quad 2-Input Multiplexer with Three-State Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT257E Datasheet(HTML) 5 Page - Texas Instruments

  CD74ACT257E Datasheet HTML 1Page - Texas Instruments CD74ACT257E Datasheet HTML 2Page - Texas Instruments CD74ACT257E Datasheet HTML 3Page - Texas Instruments CD74ACT257E Datasheet HTML 4Page - Texas Instruments CD74ACT257E Datasheet HTML 5Page - Texas Instruments CD74ACT257E Datasheet HTML 6Page - Texas Instruments CD74ACT257E Datasheet HTML 7Page - Texas Instruments CD74ACT257E Datasheet HTML 8Page - Texas Instruments CD74ACT257E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
ACT Input Load Table
INPUT
UNIT LOAD
Data
0.83
S
1.27
OE
1.27
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
In to Y
AC/ACT257
tPLH, tPHL
1.5
-
-
106
-
-
117
ns
3.3
(Note 9)
3.3
-
11.8
3.3
-
13
ns
5
(Note 10)
2.4
-
8.5
2.3
-
9.3
ns
Propagation Delay,
S to Y
AC/ACT257
tPLH, tPHL
1.5
-
-
153
-
-
168
ns
3.3
4.8
-
17.1
4.7
-
18.8
ns
5
3.5
-
12.2
3.4
-
13.4
ns
Propagation Delay,
OE to Y
AC/ACT257
tPLZ, tPHZ,
tPZL, tPZH
1.5
-
-
167
-
-
184
ns
3.3
5.3
-
18.7
5.2
-
20.6
ns
5
3.8
-
13.4
3.7
-
14.7
ns
Propagation Delay,
In to Y
’AC/CD74ACT258
tPLH, tPHL
1.5
-
-
91
-
-
100
ns
3.3
2.9
-
10.2
2.8
-
11.2
ns
5
2.1
-
7.3
2
-
8
ns
Propagation Delay,
S to Y
’AC/CD74ACT258
tPLH, tPHL
1.5
-
-
153
-
-
168
ns
3.3
4.8
-
17.1
4.7
-
18.8
ns
5
3.5
-
12.2
3.4
-
13.4
ns
Propagation Delay,
OE to Y
’AC/CD74ACT258
tPLZ, tPHZ,
tPZL, tPZH
1.5
-
-
167
-
-
184
ns
3.3
5.3
-
18.7
5.2
-
20.6
ns
5
3.8
-
13.4
3.7
-
14.7
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
130
-
-
130
-
pF
ACT TYPES
Propagation Delay,
In to Y
AC/ACT257
tPLH, tPHL
5
(Note 10)
2.8
-
9.7
2.7
-
10.7
ns
Propagation Delay,
S to Y
AC/ACT257
tPLH, tPHL
5
4
-
14
3.9
-
15.4
ns
CD54/74AC257, CD54/74ACT257, CD74ACT258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com