Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM8128 Datasheet(PDF) 3 Page - MOSAIC

Part # MSM8128
Description  128K x 8 SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

MSM8128 Datasheet(HTML) 3 Page - MOSAIC

  MSM8128 Datasheet HTML 1Page - MOSAIC MSM8128 Datasheet HTML 2Page - MOSAIC MSM8128 Datasheet HTML 3Page - MOSAIC MSM8128 Datasheet HTML 4Page - MOSAIC MSM8128 Datasheet HTML 5Page - MOSAIC MSM8128 Datasheet HTML 6Page - MOSAIC MSM8128 Datasheet HTML 7Page - MOSAIC MSM8128 Datasheet HTML 8Page - MOSAIC MSM8128 Datasheet HTML 9Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MSM8128 - 70/85/10/12
Issue 4.5 : April 2001
!
Operating Modes
The table below shows the logic inputs required to control the MSM8128 SRAM.
Mode
CS1
CS2
OE
WE
V
CC Current
I/O Pin
Reference Cycle
Not Selected
1
X
X
X
I
SB1,ISB2
High Z
Power Down
Not Selected
X
0
X
X
I
SB,ISB1
High Z
Power Down
Output Disable
0
1
1
1
I
CC
High Z
Read
0
1
0
1
I
CC
D
OUT
Read Cycle
Write
0
1
X
0
I
CC
D
IN
Write Cycle
1 = V
IH,0 = VIL,
X = Don't Care
Low V
cc Data Retention Characteristics - L Version Only (TA=-55°C to +125
oC)
Parameter
Symbol Test Condition
min
typ
max
Unit
V
CC for Data Retention
V
DR
CS1
≥≥≥≥≥
V
CC-0.2V, CS2 ≥
≥≥≥≥V
CC-0.2V or
0V
≤≤≤≤≤CS2≤≤≤≤≤ 0.2V. V
IN≥
≥≥≥≥0V
2.0
-
-
V
Data Retention Current
I
CCDR
V
CC=3.0V,VIN ≥
≥≥≥≥0V, CS1≥≥≥≥≥V
CC-0.2V,
CS2
≥≥≥≥≥V
CC-0.2V or 0V ≤
≤≤≤≤ CS2 ≤≤≤≤≤ 0.2V.
-
-
660
µA
Chip Deselect to Data Retention
t
CDR
See Retention Waveform
0-
-
ns
Operation Recovery Time
t
R
See Retention Waveform
5-
-
ms
Notes (1) CS2 controls address buffer, WE buffer, CS1 buffer and OE buffer. If CS2 controls data retention mode,
Vin levels (WE,OE,CS1,I/O) can be in the high impedance state. If CS1 controls Data Retention mode,
CS2 must be
≥≥≥≥≥V
CC - 0.2V or 0V ≤
≤≤≤≤ CS2≤≤≤≤≤ 0.2V. The other input levels (address, WE,OE,I/O) can be in the
high impedance state.
AC Test Conditions
Output Load
* Input pulse levels: 0V to 3.0V
* Input rise and fall times: 5ns
* Input and Output timing reference levels: 1.5V
* Output load: See Load Diagram
* V
cc=5V±10%
166
30pF
I/O Pin
1.76V
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com