Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD1084 Datasheet(PDF) 8 Page - STMicroelectronics

Part # KD1084
Description  5A Low drop positive voltage regulator adjustable and fixed
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button KD1084 Datasheet HTML 4Page - STMicroelectronics KD1084 Datasheet HTML 5Page - STMicroelectronics KD1084 Datasheet HTML 6Page - STMicroelectronics KD1084 Datasheet HTML 7Page - STMicroelectronics KD1084 Datasheet HTML 8Page - STMicroelectronics KD1084 Datasheet HTML 9Page - STMicroelectronics KD1084 Datasheet HTML 10Page - STMicroelectronics KD1084 Datasheet HTML 11Page - STMicroelectronics KD1084 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
KD1084 series
8/22
Table 6.
Electrical characteristics of KD1084A (VI = 4.25V, CI = CO = 10µF(Tant.),
TA = -40 to 125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10 mA, TJ = 25°C
1.237
1.25
1.263
V
IO = 10 mA to 5A, VI = 2.85 to 10V
1.225
1.25
1.275
V
ΔVO
Line regulation
IO = 10 mA, VI = 2.85 to 10V TJ = 25°C
0.015
0.2
mV
IO = 10 mA, VI = 2.85 to 10V
0.035
0.2
mV
ΔVO
Load regulation
IO = 10 mA to 5A, TJ = 25°C
0.1
0.3
mV
IO = 10 mA to 5A
0.2
0.4
V
Vd
Dropout voltage
IO = 5 A
1.3
1.5
V
IO(min)
Quiescent current
VI ≤10V
3
10
mA
Isc
Short circuit current
VI - VO = 5V
5.5
7
A
Thermal regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25µF, CADJ = 25µF,
IO = 5A, VI = 4.75 ± 1.5V
60
72
dB
IADJ
Adjust pin current
VI = 4.25V, IO = 10 mA
55
120
µA
ΔIADJ Adjust pin current change VI = 2.85 to 10V, IO = 10 mA to 5A
0.2
5
µA
eN
RMS Output noise voltage
(% of VO)
TA = 25°C, f = 10Hz to 10KHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com