Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDX10FLBN Datasheet(PDF) 1 Page - Timeguard

Part # LEDX10FLBN
Description  10W LED Wide Angle Floodlight – Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX10FLBN Datasheet(HTML) 1 Page - Timeguard

  LEDX10FLBN Datasheet HTML 1Page - Timeguard LEDX10FLBN Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Pan & Tilt Adjustment
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LEDX10FLBN
10W LED Wide Angle
Floodlight – Black
Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-10°C to 40°C
IP55
10
110° x 100°
110° Tilt (Floodlight)
Class E
12kWh/1000H
1000
1000 lm/W
4000
Data sheet
LEDX10FLBN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDX10FLBN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX10FLWHN TIMEGUARD-LEDX10FLWHN Datasheet
395Kb / 2P
10W LED Wide Angle Floodlight – White
14/02/2025
More results

Similar Description - LEDX10FLBN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS31801111 SIEMENS-LS31801111 Datasheet
91Kb / 1P
T1 (3mm) WIDE ANGLE LED LAMP
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
logo
LIGITEK electronics co....
LGXV-0225A7X LIGITEK-LGXV-0225A7X Datasheet
414Kb / 6P
10W Power Light LED
LGXV-0225A7X-P LIGITEK-LGXV-0225A7X-P Datasheet
2Mb / 6P
10W Power Light LED
LGXW-0225A7X-P LIGITEK-LGXW-0225A7X-P Datasheet
290Kb / 6P
10W Power Light LED
logo
RF Micro Devices
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
10W GaN Wide-Band Power Amplifier
logo
LinkCom Manufacturing C...
10W-BPH LINKCOM-10W-BPH Datasheet
487Kb / 3P
10W LED Driver
logo
GAPTEC Electronic GmbH ...
10DRW4 GAPTEC-10DRW4 Datasheet
2Mb / 5P
10W - Single Output - Wide Input - Isolated & Regulated
10S8W GAPTEC-10S8W Datasheet
2Mb / 4P
10W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
FAW DIWELL-FAW Datasheet
776Kb / 9P
10W WIDE INPUT RANGE
2013/10/29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com