Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN795 Datasheet(PDF) 9 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology AN795 Datasheet HTML 11Page - Microchip Technology AN795 Datasheet HTML 12Page - Microchip Technology AN795 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS00795A-page 9
© 2002 Microchip Technology, Inc.
AN795
FREQUENCY/TONE DECODER
The frequency, or tone, to be detected is converted into a proportional analog voltage by the TC9400 F/V converter. The quad
comparators sense when the voltage (frequency) exceeds any of the four preset frequency limits. A logical "1" at any of the five
outputs indicates the frequency is within those limits.
This system is useful for determining which frequency band a signal is in, or for remote control, where each frequency band
corresponds to a different command.
FM DEMODULATION WITH A PHASE-LOCKED LOOP
The high linearity of the TC9400 (0.01%) is used to greatly improve the performance of a phase-locked loop, resulting in very precise
tracking of VOUT with respect to FIN.
FIGURE 19: Frequency/tone decoder.
FIGURE 20: FM demodulation with a phase-locked loop.
FIN
+
TC9400
F/V
+
+
+
Quad
Comparator
Frequency Set
VREF
V4
V3
V2
V1
FIN > F4
F4 < F
F3 < F < F4
F2 < F < F3
F1 < F < F2
0 < F < F1
FIN > F3
FIN > F2
FIN > F1
FIN
TC9400
V/F
VOUT
Frequency
Comparator
Loop
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com