Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX103255 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX103255
Description  AX103255-CAT 6 KeyConect Patch Panel, 48 Port, 2U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX103255 Datasheet(HTML) 1 Page - Belden Inc.

  AX103255 Datasheet HTML 1Page - Belden Inc. AX103255 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: CAT 6 KCONN PP 48 2U
AX103255-CAT 6 KeyConect Patch Panel, 48 Port, 2U
Product Description
CAT6+ KeyConnect Patch Panel, 48-port, 2U
Technical Specifications
Product Overview
Suitable Applications:
IBDN System 4800, 3600, 2400, TIA Category 6, ISO Class E, 1000BASE-T
Physical Characteristics (Overall)
Height:
3.5 in
Width:
19.000 in
Depth:
1.3 in
Port Count:
48 Port
Front Connection:
Flush
Packaging:
Individually packaged in a cardboard box.
Weight:
2.500 lbs
Connectors
Materials
Description Material
Panel
Steel
Construction and Dimensions
Max Capacity:
48 connectors (preloaded)
Electrical Characteristics
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Termination Resistance:
2.5 mOhm
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Plug /Jack Compatibility:
RJ45
Termination Type:
Universal T568A/B
Standards
Data Category:
Category 6


Similar Part No. - AX103255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
More results

Similar Description - AX103255

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N052048 TRIPPLITE-N052048 Datasheet
493Kb / 2P
48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N252048 TRIPPLITE-N252048 Datasheet
490Kb / 2P
48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
logo
PANDUIT CORP.
DP485E88TV25 PANDUIT-DP485E88TV25 Datasheet
283Kb / 2P
48 PORT 4 PAIR CAT 5e RJ21 PATCH PANEL CUSTOMER DRAWING
DPA485E88TV25 PANDUIT-DPA485E88TV25 Datasheet
239Kb / 1P
48 PORT ANGLED 4 PAIR CAT 5e RJ21 PATCH PANEL CUSTOMER DRAWING
logo
Tripp Lite. All Rights ...
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252-048 TRIPPLITE-N252-048 Datasheet
159Kb / 2P
48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
logo
PANDUIT CORP.
NKFP48Y PANDUIT-NKFP48Y Datasheet
115Kb / 1P
NETKEY 48 PORT MODULAR FACEPLATE PATCH PANEL
NKPP48FMY PANDUIT-NKPP48FMY Datasheet
181Kb / 1P
NETKEY 48 PORT FLUSH MOUNT MODUALR PATCH PANEL
NKPP48HDY PANDUIT-NKPP48HDY Datasheet
142Kb / 1P
NETKEY 48 PORT HIGH DENSITY MODULAR PATCH PANEL
DP48688TGY PANDUIT-DP48688TGY Datasheet
318Kb / 1P
DP6 PULS 48 PORT PATCH PANEL CUSTOMER DRAWING
3-4-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com