Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C18 Datasheet(PDF) 2 Page - First Components International

Part # BZX55C18
Description  1/2 Watt ZENER DIODES (2.4V to 91V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BZX55C18 Datasheet(HTML) 2 Page - First Components International

  BZX55C18 Datasheet HTML 1Page - First Components International BZX55C18 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
50
40
40
40
40
20
10
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
10
10
10
10
10
10
10
85
85
85
85
85
85
75
60
35
25
10
8.0
7.0
7.0
10
15
20
20
26
30
40
50
55
55
80
80
80
80
80
90
90
110
125
135
150
160
170
200
250
Max. DC Zener
Current (2)
Data Sheet
NOTES: 1. The part numbers have max / min Zener Voltage as listed. Tolerance of 2% is designated by
a “B” in place of the “C”.
2. V
Z is measured with the device in thermal equilibrium at the lead temperature of
30oC + 1oC, 3/8” from the diode body.
3. The Zener Impedance is measured by dividing the AC voltage drop across the device
by the AC current applied. The specified limits are for I
Z(ac) = 0.1 IZ(dc) with the ac
frequency = 1.0kHz.
Minimum
V
Z (V)
Max. Reverse Leakage
Current @
V
R, IR (µA)
2.28
2.5
2.8
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28.0
31.0
34.0
37.0
40.0
44.0
48.0
52.0
58.0
64.0
70.0
77.0
85.0
Max. Zener
Impedance (3)
Z
ZT @ IZT (Ω)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
6.0
7.0
7.5
8.5
9.0
10
11
12
14
15
17
18
20
22
24
27
28
32
35
38
42
47
51
56
62
69
155
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
10
9.2
8.5
7.8
7.0
6.4
5.9
5.3
4.8
4.3
Part #
T
A = 25
o
C
V
R (V)
Electrical Characteristics @ 25OC.
BZX55C2V4
BZX55C2V7
BZX55C3V0
BZX55C3V3
BZX55C3V6
BZX55C3V9
BZX55C4V3
BZX55C4V7
BZX55C5V1
BZX55C5V6
BZX55C6V2
BZX55C6V8
BZX55C7V5
BZX55C8V2
BZX55C9V1
BZX55C10
BZX55C11
BZX55C12
BZX55C13
BZX55C15
BZX55C16
BZX55C18
BZX55C20
BZX55C22
BZX55C24
BZX55C27
BZX55C30
BZX55C33
BZX55C36
BZX55C39
BZX55C43
BZX55C47
BZX55C51
BZX55C56
BZX55C62
BZX55C68
BZX55C75
BZX55C82
BZX55C91
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.0
50
10
4.0
2.0
2.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
I
ZM (mA)
1/2 Watt ZENER DIODES
(2.4V to 91V)
Maximum
V
Z (V)
2.56
2.9
3.2
3.5
3.8
4.1
4.6
5.0
5.4
6.0
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.1
23.3
25.6
28.9
32.0
35.0
38.0
41.0
46.0
50.0
54.0
60.0
66.0
72.0
80.0
87.0
96.0
Zener Voltage @
I
ZT (1)
Test
Current
I
ZT (mA)
T
A = 125
o
C
Page 12-6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com