Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCN75 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCN75
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCN75 Datasheet HTML 6Page - STMicroelectronics STCN75 Datasheet HTML 7Page - STMicroelectronics STCN75 Datasheet HTML 8Page - STMicroelectronics STCN75 Datasheet HTML 9Page - STMicroelectronics STCN75 Datasheet HTML 10Page - STMicroelectronics STCN75 Datasheet HTML 11Page - STMicroelectronics STCN75 Datasheet HTML 12Page - STMicroelectronics STCN75 Datasheet HTML 13Page - STMicroelectronics STCN75 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Operation
STCN75
10/35
2
Operation
After each temperature measurement and analog-to-digital conversion, the STCN75 stores
the temperature as a 16-bit two’s complement number (see Table 5: Register pointers
selection summary on page 16) in the 2-byte Temperature register (see Table 7 on
page 17). The most significant bit (S) indicates if the temperature is positive or negative:
●
for positive numbers S = 0, and
●
for negative numbers S = 1.
The most recently converted digital measurement can be read from the Temperature
register at any time. Since temperature conversions are performed in the background,
reading the Temperature register does not affect the operation in progress.
The temperature data is provided by the 9 MSBs (Bits 15 through 7). Bits 6 through 0 are
unused. Table 3 on page 14 gives examples of the digital output data and corresponding
temperatures. The data is compared to the values in the TOS and THYS registers, and then
the OS/INT is updated based on the result of the comparison and the operating mode.
The alarm fault tolerance is controlled by the FT1 and FT0 Bits in the Configuration register.
They are used to set up a fault queue. This prevents false tripping of the OS/INT pin when
the STCN75 is used in a noisy environment (see Table 2 on page 13).
The active state of the OS/INT output can be changed via the Polarity Bit (POL) in the
Configuration register. The power-up default is active-low.
If the user does not wish to use the thermostat capabilities of the STCN75, the
OS/INToutput should be left floating.
Note:
If the thermostat is not used, the TOS and THYS registers can be used for general storage of
system data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com