Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S10PHR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST1S10PHR
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10PHR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST1S10PHR Datasheet HTML 15Page - STMicroelectronics ST1S10PHR Datasheet HTML 16Page - STMicroelectronics ST1S10PHR Datasheet HTML 17Page - STMicroelectronics ST1S10PHR Datasheet HTML 18Page - STMicroelectronics ST1S10PHR Datasheet HTML 19Page - STMicroelectronics ST1S10PHR Datasheet HTML 20Page - STMicroelectronics ST1S10PHR Datasheet HTML 21Page - STMicroelectronics ST1S10PHR Datasheet HTML 22Page - STMicroelectronics ST1S10PHR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ST1S10
Typical performance characteristics
19/26
Figure 21.
Efficiency vs. output current
Figure 22.
Efficiency vs. output current
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT [A]
V
IN-A=VIN-SW=VINH=5V, VOUT=3.3V, TJ=25°C
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT [A]
V
IN-A=VIN-SW=VINH=5V, VOUT=3.3V, TJ=25°C
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT [A]
V
IN-A=VIN-SW=VINH=16V, VOUT=12V, TJ=25°C
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT [A]
V
IN-A=VIN-SW=VINH=16V, VOUT=12V, TJ=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com