| Electronic Components Datasheet Search |
|
STCN75DS2F Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCN75DS2F Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 35 page ![]() STCN75 Summary description 7/35 1.2 Temperature sensor output The STCN75 Temperature Sensor has a dedicated open drain Over-Limit Signal/Interrupt (OS/INT) output which features a thermal alarm function. This function provides a user- programmable trip and turn-off temperature. It can operate in either of two selectable modes: ● Section 2.3: Comparator mode ● Section 2.4: Interrupt mode. At power-up the STCN75 immediately begins measuring the temperature and converting the temperature to a digital value. The measured temperature value is compared with a temperature limit (which is stored in the 16-bit (TOS) READ/WRITE register), and the hysteresis temperature (which is stored in the 16-bit (THYS) READ/WRITE register). If the measured value exceeds these limits, the OS/INT pin is activated (see Figure 3 on page 8). Note: See Pin descriptions on page 8 for details. Figure 1. Logic diagram 1. SDA and OS/INT are open drain. Table 1. Signal names Pin Sym Type/direction Description 1SDA(1) 1. SDA and OS/INT are open drain. Input/ Output Serial data input/output 2 SCL Input Serial clock input 3OS/INT(1) Output Over-limit signal/interrupt alert output 4 GND Supply Ground Ground 5A2 Input Address2 Input 6A1 Input Address1 Input 7A0 Input Address0 Input 8VDD Supply power Supply voltage (2.7V to 5.5V) AI11899 SDA(1) VDD STCN75 GND SCL OS/INT(1) A0 A1 A2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |