Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE2401 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 23Page - STMicroelectronics STMPE2401 Datasheet HTML 24Page - STMicroelectronics STMPE2401 Datasheet HTML 25Page - STMicroelectronics STMPE2401 Datasheet HTML 26Page - STMicroelectronics STMPE2401 Datasheet HTML 27Page - STMicroelectronics STMPE2401 Datasheet HTML 28Page - STMicroelectronics STMPE2401 Datasheet HTML 29Page - STMicroelectronics STMPE2401 Datasheet HTML 30Page - STMicroelectronics STMPE2401 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
STMPE2401
Interrupt system
27/55
9.7
Programming sequence
To configure and initialize the Interrupt Controller to allow interruption to host, observe the
following steps:
Set the IER and IEGPIOR registers to the desired values to enable the interrupt
sources that are to be expected to receive from.
Configure the output interrupt type and polarity and enable the global interrupt mask by
writing to the ICR.
Wait for interrupt.
Upon receiving an interrupt, the INT pin is asserted.
The host comes to read the ISR through I2C interface. A ‘1’ in the ISR bits indicates
that the corresponding interrupt source is triggered.
If the IS8 bit in ISR is set, the interrupt is coming from the GPIO Controller. Then, a
subsequent read is performed on the ISGPIOR to obtain the interrupt status of all 16
GPIOs to locate the GPIO that triggers the interrupt. This is a feature so-called ‘Hot
Key’.
After obtaining the interrupt source that triggers the interrupt, the host performs the
necessary processing and operations related to the interrupt source.
If the interrupt source is from the GPIO Controller, two write operations with value of ‘1’
are performed to the ISG[x] bit (ISGPIOR) and the IS[8] (ISR) to clear the
corresponding GPIO interrupt.
If the interrupt source is from other module, a write operation with value of ‘1’ is
performed to the IS[x] (ISR) to clear the corresponding interrupt.
Once the interrupt is being cleared, the INT pin will also be de-asserted if the interrupt
type is level interrupt. An edge interrupt will only assert a pulse width of 250ns.
When the interrupt is no longer required, the IC0 bit in ICR may be set to ‘0’ to disable
the global interrupt mask bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com