Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1007178 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1007178
Description  FKDSO 2,5/ 2-R GY - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007178 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1007178 Datasheet HTML 1Page - PHOENIX CONTACT 1007178 Datasheet HTML 2Page - PHOENIX CONTACT 1007178 Datasheet HTML 3Page - PHOENIX CONTACT 1007178 Datasheet HTML 4Page - PHOENIX CONTACT 1007178 Datasheet HTML 5Page - PHOENIX CONTACT 1007178 Datasheet HTML 6Page - PHOENIX CONTACT 1007178 Datasheet HTML 7Page - PHOENIX CONTACT 1007178 Datasheet HTML 8Page - PHOENIX CONTACT 1007178 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
Printed circuit board terminal
Product family
FKDSO 2,5/..-R
Type
PC termination block
Number of positions
2
Pitch
5 mm
Number of connections
2
Number of rows
1
Number of potentials
2
Pin layout
Linear pinning
Solder pins per potential
1
Electrical properties
Properties
Nominal current IN
22 A
Nominal voltage UN
250 V
Rated voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
250 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
Connection data
Connection technology
Nominal cross section
2.5 mm²
Conductor connection
Connection method
Push-in spring connection
Conductor cross section rigid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Conductor cross section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 2.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 2.5 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 1.5 mm²
Stripping length
10 mm
Mounting
Mounting type
Wave soldering
Pin layout
Linear pinning
FKDSO 2,5/ 2-R GY - PCB terminal block
1007178
https://www.phoenixcontact.com/us/products/1007178
Feb 27, 2025, 2:30 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com