Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4148 Datasheet(PDF) 1 Page - First Components International

Part # CD4148
Description  SWITCHING CHIP DIODE Mechanical Dimensions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

CD4148 Datasheet(HTML) 1 Page - First Components International

  CD4148 Datasheet HTML 1Page - First Components International CD4148 Datasheet HTML 2Page - First Components International CD4148 Datasheet HTML 3Page - First Components International CD4148 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Features
n ELECTRICALLY IDENTICAL TO
JEDEC 1N4148
n 350 mW POWER DISSIPATION
Mechanical Dimensions
n INDUSTRY STANDARD 1206
PACKAGE
Electrical Characteristics @ 25OC.
Maximum Ratings
Peak Reverse Voltage...V
RM
RMS Reverse Voltage...V
R(rms)
CD4148
Data Sheet
SWITCHING CHIP DIODE
Units
CD4148
100
75
Volts
Volts
Peak Forward Current...I
F
Peak Forward Surge Current...I
FSM
Forward Voltage...V
F
@ I
F = 10 mA
DC Reverse Current...I
R
@ V
R = 75v
Power Dissipation...P
D
Typical Junction Capacitance...C
J
Reverse Recovery Time...T
RR
Operating Temperature...T
J
Storage Temperature Range...T
STRG
............................................. 200 ...............................................
............................................. 2000 ...............................................
mAmps
mAmps
Volts
µAmps
mW
pF
nS
°C
°C
P
VV = 100nS
50 Ohms
5K Ohms
R
G = 50 Ohms
.01 uF
I
F
Output
Trr
I
R
0.1 I
R
Device Under T
Device Under T
Device Under T
Device Under T
Device Under Test
est
est
est
est
............................................. 1.0 ...............................................
............................................. 5.0 ...............................................
............................................. 350 ...............................................
............................................. 4 ...............................................
............................................. 4 ...............................................
............................................. 175 ...............................................
..................................... -55 to 150
......................................


Similar Part No. - CD4148

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4148 CDI-DIODE-CD4148 Datasheet
78Kb / 2P
SWITCHING DIODE CHIPS
logo
Microsemi Corporation
CD4148 MICROSEMI-CD4148 Datasheet
99Kb / 2P
SWITCHING DIODE CHIPS
logo
First Components Intern...
CD4148 FCI-CD4148 Datasheet
117Kb / 2P
LEADLESS CHIP SIGNAL DIODE High Speed Switching
logo
Silicon Supplies
CD4148 SS-CD4148 Datasheet
1Mb / 3P
Small-Signal high speed switching diode in bare die form
Rev 1.0 22/01/19
logo
Nanjing International G...
CD4148WN DGNJDZ-CD4148WN Datasheet
2Mb / 6P
Switching Diode
More results

Similar Description - CD4148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSSOP-20 ETC2-TSSOP-20 Datasheet
56Kb / 2P
Mechanical Dimensions
logo
Delta Electronics, Inc.
HCB1175-121 DELTA-HCB1175-121 Datasheet
55Kb / 1P
Mechanical dimensions
HCB1275-231 DELTA-HCB1275-231 Datasheet
24Kb / 1P
Mechanical dimensions
HCB106480N-101 DELTA-HCB106480N-101 Datasheet
132Kb / 2P
Mechanical dimensions
HCB117555-121 DELTA-HCB117555-121 Datasheet
53Kb / 1P
Mechanical dimensions
HCB118050-221 DELTA-HCB118050-221 Datasheet
53Kb / 1P
Mechanical dimensions
HCB137590-231 DELTA-HCB137590-231 Datasheet
54Kb / 1P
Mechanical dimensions
HMS0864B DELTA-HMS0864B Datasheet
57Kb / 1P
Mechanical dimensions
MPT1030-R24H1 DELTA-MPT1030-R24H1 Datasheet
53Kb / 1P
Mechanical dimensions
PCMB177T-1R5MS DELTA-PCMB177T-1R5MS Datasheet
52Kb / 1P
Mechanical dimensions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com