Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1025 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN1025
Description  Converting A 5.0V Supply Rail To A Regulated 3.0V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1025 Datasheet(HTML) 2 Page - Microchip Technology

  AN1025 Datasheet HTML 1Page - Microchip Technology AN1025 Datasheet HTML 2Page - Microchip Technology AN1025 Datasheet HTML 3Page - Microchip Technology AN1025 Datasheet HTML 4Page - Microchip Technology AN1025 Datasheet HTML 5Page - Microchip Technology AN1025 Datasheet HTML 6Page - Microchip Technology AN1025 Datasheet HTML 7Page - Microchip Technology AN1025 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN1025
DS01025A-page 2
© 2006 Microchip Technology Inc.
FIGURE 1:
Basic LDO System Schematic.
Understanding LDO IGND Specifications
There are three current elements, IIN, IOUT and IGND,
labeled in Figure 1. IGND is the current used by the LDO
to perform the regulating operation and is often referred
to as the quiescent current (Iq) for no load conditions.
Since the specified Iq varies greatly depending on the
specific LDO or particular manufacture, it is important
to understand how this one specification impacts the
system performance.
An LDO can form a very efficient step-down regulator.
When the LDO output current is much greater than the
device quiescent current, the system efficiency is found
by dividing the output voltage by the input voltage. This
is shown in Equation 1.
EQUATION 1:
System efficiency at lighter load currents is one of the
impacts Iq has on the system performance. In basic
terms, an LDO with a low Iq will only be more efficient
at lighter loads. This is because as the load current
increases, the Iq is only a small percentage of the total
IIN. The efficiency of two Microchip LDOs, the
MCP1700 and TC1017, is shown in Figure 2. Notice
how the efficiency of the MCP1700 is vastly greater
than the TC1017 at light loads since the TC1017 has a
higher IQ.
FIGURE 2:
LDO Efficiency Comparison.
System line and load step performance is greatly
improved on LDOs that have higher Iq. Since the Iq is
used by the LDO to preform the regulating operation, it
can respond quicker to a sudden change in load
requirements or line voltage.
VREF
IGND
IOUT
IIN
CIN
COUT
RL
VIN
Efficiency
VOUT
VIN
----------------
=
When: IGND << IOUT
0
10
20
30
40
50
60
70
0.01
0.10
1.00
10.00
100.00
Output Current (mA)
MCP1700
TC1017
VIN = 5.0V
VOUT = 3.0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com