Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIM002 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM002
Description  Transition Module for 3U cPCI PMC Carrier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Embedded I/O Company
TCP030-TM
Transition Module for 3U cPCI PMC Carrier
Application Information
The TCP030-TM is a 3U Transition Module to be used
with 3U cPCI PMC carrier like TEWS’ TCP270-11R. It
provides easy access to the PMC I/O lines of cPCI PMC
carrier with back I/O.
All 64 PMC I/O lines are distributed from the cPCI RJ2
connector to a 68 pin SCSI-3 type connector located in the
front panel. The pin assignment corresponds to the
PICMG 2.3 R1.0 PMC on CompactPCI signal mapping.
The operating temperature range is -40°C to +85°C.
Technical Information
 Form Factor: cPCI 3U Rear Transition Module (100
mm x 80 mm)
 I/O Routing:
 I/O lines are accessible via HD68 SCSI-3 type
connector
 Front panel
 Operating temperature: -40°C to +85°C
Order Information
RoHS Compliant
TCP030-TM-10R
3U Transition Module for 1 slot PMC Carrier, HD68 connector
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TCP030-TM-DOC
User Manual
Related Products
TPIM001
PIM I/O Module, HD50 connector
TPIM002
PIM I/O Module, HD68 connector
TPIM003
PIM I/O Module, HD68 connector, special pin assignment
TPIM005
PIM I/O Module, HD68 connector, for TPMC863/TPMC363
TPIM006
PIM I/O Module for Quad 10/100/1000 Ethernet PMC
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM002

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM002 TEWS-TPIM002 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM002 TEWS-TPIM002 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
70Kb / 1P
PIM I/O Module with 68 pin Connector
2017-08-31
TPIM002 TEWS-TPIM002 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
TPIM002 TEWS-TPIM002 Datasheet
241Kb / 2P
Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface
10/2009
More results

Similar Description - TPIM002

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100100930001 ERNI-100100930001 Datasheet
196Kb / 1P
ERMET MANOBLACK CPCI
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
logo
XFMRS Inc.
XF0013SIPGR4 XFMRS-XF0013SIPGR4 Datasheet
46Kb / 1P
SIP Packoge Module for PMC Sierro PM4351/4354 chipset
XF0013SIPGR4A XFMRS-XF0013SIPGR4A Datasheet
85Kb / 1P
SIP Packoge Module for PMC Sierro PM4351/4354 chipset
logo
HITRON ELECTRONICS CORP...
HARC255P-490 HITRON-HARC255P-490 Datasheet
250Kb / 2P
300W 3U X 8HP CPCI Package
HDRC255P-110J-490 HITRON-HDRC255P-110J-490 Datasheet
249Kb / 2P
310W 3U X 8HP CPCI Package
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-6130 ADVANTECH-MIC-6130 Datasheet
431Kb / 1P
3U OpenVPX PCIe/ SATA M.2 carrier
17-Jun-2019
MIC-6131 ADVANTECH-MIC-6131 Datasheet
555Kb / 1P
3U OpenVPX XMC carrier
17-Jun-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com