Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP872-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TCP872-DOC
Description  CompactPCI Carrier for 2 CardBus / PC Card Cards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP872-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TCP872-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCP872-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TCP872-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Technical Information
 Standard 3U 32 bit CompactPCI module conforming
to PICMG 2.0 Rev 3.0
 PCI 2.2 compliant interface
 Board size: 160 mm x 100 mm
 PCI Interface: 33 MHz; 32 bit
 5V and 3.3V PCI I/O signaling voltage
 Two PC Card / CardBus sockets with hot insertion
and removal, supports up to two memory and I/O
cards of type I and II or one card of type III.
 3.3V and 5V card power supply supported
 3.3V, 5V and 12V card programming voltage
supported
 Short circuit protection
 Status LED’s
 Activity LED for each socket
 Power LED for each socket
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2013-11-21
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com