Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25PE20VP Datasheet(PDF) 14 Page - STMicroelectronics

Part # 25PE20VP
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

25PE20VP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 25PE20VP Datasheet HTML 10Page - STMicroelectronics 25PE20VP Datasheet HTML 11Page - STMicroelectronics 25PE20VP Datasheet HTML 12Page - STMicroelectronics 25PE20VP Datasheet HTML 13Page - STMicroelectronics 25PE20VP Datasheet HTML 14Page - STMicroelectronics 25PE20VP Datasheet HTML 15Page - STMicroelectronics 25PE20VP Datasheet HTML 16Page - STMicroelectronics 25PE20VP Datasheet HTML 17Page - STMicroelectronics 25PE20VP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Operating features
M25PE20, M25PE10
14/60
4.7
Status Register
The Status Register contains two status bits that can be read by the Read Status Register
(RDSR) instruction. See Section 6.4: Read Status Register (RDSR) for a detailed
description of the Status Register bits.
4.8
Protection modes
The environments where non-volatile memory devices are used can be very noisy. No SPI
device can operate correctly in the presence of excessive noise. To help combat this, the
M25PE10 and M25PE20 feature the following data protection mechanisms:
4.8.1
Protocol-related protections
●
Power On Reset and an internal timer (tPUW) can provide protection against inadvertent
changes while the power supply is outside the operating specification.
●
Program, Erase and Write instructions are checked that they consist of a number of
clock pulses that is a multiple of eight, before they are accepted for execution.
●
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state
by the following events:
–Power-up
–
Reset (RESET) driven Low
–
Write Disable (WRDI) instruction completion
–
Page Write (PW) instruction completion
–
Page Program (PP) instruction completion
–
Write to Lock Register (WRLR) instruction completion
–
Page Erase (PE) instruction completion
–
SubSector Erase (SSE) instruction completion
–
Sector Erase (SE) instruction completion
–
Bulk Erase (BE) instruction completion
●
The Reset (Reset) signal can be driven Low to freeze and reset the internal logic. For
the specific cases of Program and Write cycles, the designer should refer to
Section 6.5: Write Status Register (WRSR), Section 6.9: Page Write (PW),
Section 6.10: Page Program (PP), Section 6.12: Page Erase (PE), Section 6.14: Sector
Erase (SE), and Section 6.13: SubSector Erase (SSE), and to Table 14: Device status
after a Reset Low pulse.
●
In addition to the low power consumption feature, the Deep Power-down mode offers
extra software protection from inadvertent Write, Program and Erase instructions while
the device is not in active use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com