Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDXSSBRWHN Datasheet(PDF) 1 Page - Timeguard

Part # LEDXSSBRWHN
Description  Pan & Tilt Bracket Coastal Grade – White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDXSSBRWHN Datasheet(HTML) 1 Page - Timeguard

  LEDXSSBRWHN Datasheet HTML 1Page - Timeguard LEDXSSBRWHN Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Installation Type
Operating Temperature
Pan & Tilt Adjustment
Weight (g)
Height (mm)
Width (mm)
Depth (mm)
Body Construction
Product Colour
Accessories (Included)
EAN Number
LEDXSSBRWHN
Pan & Tilt Bracket Coastal
Grade – White
Features & Benefits
Polycarbonate mounting base
316 stainless steel bracket and screws
Easy quick fit bracket installation
For use with models: LEDX10FLWHN,
LEDX10PIRWHN, LEDX20FLWHN,
LEDX20PIRWHN, LEDX30FLWHN,
LEDX30PIRWHN
Technical Data
Stirrup Bracket
-10°C to 40°C
80° (Pan Range 40° Left/Right From The Centre)
General
91.5
71
130
127
Polycarbonate (Bracket 316 Stainless Steel,
including screws)
White
Fittings
5012483015025
Data sheet
LEDXSSBRWHN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDXSSBRWHN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDXSSBRBN TIMEGUARD-LEDXSSBRBN Datasheet
317Kb / 2P
Pan & Tilt Bracket Coastal Grade – Black
14/02/2025
More results

Similar Description - LEDXSSBRWHN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
Tilt Sensor
logo
Sharp Corporation
GP2TD02 SHARP-GP2TD02 Datasheet
87Kb / 3P
TILT SENSOR
logo
Micron Technology
MT9T031 MICRON-MT9T031 Datasheet
446Kb / 2P
3-Megapixel CMOS Digital Image Sensor for Wide FOV and Electronic Pan/Tilt Cameras
logo
List of Unclassifed Man...
PT506-24DT ETC2-PT506-24DT Datasheet
130Kb / 2P
PAN/TILT AND ZOOM LENS FUNCTIONS, MULTIPLE LOCATIONS
logo
Sonardyne sound in dept...
7815-000-07 SONARDYNE-7815-000-07 Datasheet
143Kb / 2P
Coastal Transponder
logo
Omron Electronics LLC
D6BN OMRON-D6BN Datasheet
1Mb / 6P
Micro Tilt Sensor
logo
Bud Industries, Inc.
HH-3440-TS BUD-HH-3440-TS Datasheet
35Kb / 1P
TILT STAND
logo
American Electronic Com...
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
logo
SparkFun Electronics
ROB-14391 SPARKFUN-ROB-14391 Datasheet
109Kb / 1P
Pan/Tilt Bracket Kit (Single Attachment)
9??8??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com