Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP115-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP115-DOC
Description  5 Channel SSI Interface with ‘Listen Only’ Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP115-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP115-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TIP115-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP115
5 Channel SSI Interface with ‘Listen Only’ Mode
Application Information
The TIP115 is an IndustryPack
 compatible module for
motion control applications.
The TIP115 offers five independent channels. Each of
these channels can be operated as a standard SSI
interface controller or in a ‘Listen only’ mode.
The standard SSI interface controller outputs a clock burst
to the absolute encoder and receives the returned
positional data. The SSI interface controller operates with
a programmable clock rate from 1µs to 15µs and
programmable data word length from 1 bit to 32 bit.
In ‘Listen only’ mode the channel listens to an existing SSI
interface to observe its data transfer. It takes both the SSI
clock and data as inputs. In ‘Listen only’ mode the channel
also has a programmable data word length from 1 bit to 32
bit; the SSI clock rate of the observed SSI interface can be
in the range of 1µs to 15µs.
In both modes the data word can be encoded in Binary- or
in Gray-Code and with odd, even or no parity.
The data inputs are galvanically isolated by high speed
optocouplers. The level of the input and output signals is
RS422.
Software support (TIP115-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack specification
 Single Size IndustryPack
 5 Channel synchronous serial interface (SSI) with two
modes:
- Standard SSI Interface Controller
- ‘Listen only’ Mode
 SSI data word length programmable from 1 bit to
32 bit
 Data word encoding: Binary- or Gray-Code
 Parity: Odd, even or without
 SSI clock rate: 1µs – 15µs
 EIA-422 encoder inputs galvanically isolated by high
speed optocouplers
 Fault protected differential clock drivers with
additional TVS array
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TIP115-10R: 444000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP115-DOC

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP115 MOSPEC-TIP115 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP115 MOTOROLA-TIP115 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP115 ONSEMI-TIP115 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP115 STMICROELECTRONICS-TIP115 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP115-DOC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NQL ICHAUS-IC-NQL_11 Datasheet
894Kb / 24P
13-bit Sin/D CONVERTER WITH SSI INTERFACE
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
logo
Motorola, Inc
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
logo
WAGO Kontakttechnik Gmb...
750-630-003-000 WAGO-750-630-003-000 Datasheet
529Kb / 12P
SSI transmitter interface; Adjustable
750-630-040-001 WAGO-750-630-040-001 Datasheet
477Kb / 11P
SSI transmitter interface; Adjustable; Extreme
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com