Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP700 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP700
Description  16 (8) Digital Outputs, high and low side switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP700 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP700 Datasheet HTML 1Page - TEWS Technologies GmbH TIP700 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP700 16 (8) Digital Outputs, high and low side switches
Application Information
The TIP700 is an IndustryPack® compatible module
providing 16 (8) digital outputs with galvanic isolation via
optocouplers. The outputs are isolated against each other
in groups of two.
All outputs resist short-circuits and are protected against
thermal overload. The outputs are capable of driving 0.5A
per channel. Each output can be configured individually as
high or low side switch.
Software Support (TIP700-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 16 (8) digital outputs, high and low side switches
 24V signal voltage, current per output 0.5A
 Optocouplers for galvanic isolation of outputs to
computer system
 Outputs are isolated against each other in groups of
two
 Outputs are short-circuit protected
 Outputs protected against thermal overload
 Watchdog timer resets all channels in case of
triggering failure
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP700 ETC1-TIP700 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
TIP700-10 ETC1-TIP700-10 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
TIP700-20 ETC1-TIP700-20 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
TIP700-DOC ETC1-TIP700-DOC Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
TIP700-ED ETC1-TIP700-ED Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
More results

Similar Description - TIP700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP700 ETC1-TIP700 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
logo
Zarlink Semiconductor I...
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
logo
Infineon Technologies A...
TLE7234E INFINEON-TLE7234E Datasheet
718Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7237GS INFINEON-TLE7237GS Datasheet
705Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7234G INFINEON-TLE7234G Datasheet
697Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF Datasheet
249Kb / 14P
High and Low Side Switches for Inverter
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com