Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP866-IO Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP866-IO
Description  DIN Rail Mounting I/O Module (8 x DB9) for TIP866/867
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP866-IO Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP866-IO Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Embedded I/O Company
TIP866-IO DIN Rail Mounting I/O Module (8 x DB9) for TIP866/867
TIP866-IO-10R
TA106-10R
Application Information
The TIP866-IO is a DIN Rail Mounting I/O module
for the serial interfaces TIP866 and TIP867.
The TIP866-IO supports all versions of the TIP866
(RS232, RS422 and TTL-Level interfaces), the
TIP867 (RS485 interface) and all versions of the IP-
Octal.
Eight DB9 male connectors are mounted on the
module.
The TIP866-IO supports TXD, RXD, RTS, CTS and
GND for each of the eight channels of the
TIP866-10R/11R (RS232 / TTL-Level).
TxD+/-,
RxD+/-,
GND
are
supported
for
the
TIP866-20R (RS422) and Dx+/-, GND for the
TIP867-10R (RS485).
Technical Information
 DIN Rail Mounting I/O module, 95 mm x 83 mm
 8 DB9 male connectors
 Terminal point for shield of all 8 DB9 connectors
 Supports all versions of the TIP866, TIP867 and
IP-Octal
 Cable TA106-10R: 0.8m ribbon cable with 50 pin
ribbon cable connectors, is included
Order Information
RoHS Compliant
TIP866-IO-10R
Mounting Rail I/O Module
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TIP866-IO-10-DOC
User Manual
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP866-IO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP866-IO-10 ETC2-TIP866-IO-10 Datasheet
108Kb / 1P
8 Channel Serial Interface
TIP866-IO-10-DOC ETC2-TIP866-IO-10-DOC Datasheet
108Kb / 1P
8 Channel Serial Interface
logo
TEWS Technologies GmbH
TIP866-IO-10-DOC TEWS-TIP866-IO-10-DOC Datasheet
238Kb / 2P
8 Channel Serial Interface RS485
2017-08-24
TIP866-IO-10-DOC TEWS-TIP866-IO-10-DOC Datasheet
186Kb / 2P
8 Channel Serial Interface RS232 / TTL / RS422
2017-08-24
TIP866-IO-10R TEWS-TIP866-IO-10R Datasheet
238Kb / 2P
8 Channel Serial Interface RS485
2017-08-24
More results

Similar Description - TIP866-IO

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3950D ADVANTECH-ADAM-3950D Datasheet
66Kb / 1P
Wiring Terminals for DIN-rail Mounting
logo
List of Unclassifed Man...
PB-24SM-A ETC2-PB-24SM-A Datasheet
75Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
PB-24C4 ETC-PB-24C4 Datasheet
59Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
logo
Pepperl+Fuchs Inc.
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
Cover for DIN Mounting Rail
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
Cover for DIN Mounting Rail
2021-04-08
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
UPR-INS-05 PF-UPR-INS-05 Datasheet
453Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
Tripp Lite. All Rights ...
N063-001-ENC-R TRIPPLITE-N063-001-ENC-R Datasheet
35Kb / 3P
Right Cover for DIN-Rail Mounting Enclosure Module, TAA
logo
FIBOX Enclosing innovat...
4712127 FIBOX-4712127 Datasheet
52Kb / 1P
DIN-35 Mounting rail, for enclosures
18.01.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com