Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE200 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPCE200
Description  PCI Express Carrier for 4 IndustryPack® Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE200 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPCE200 Datasheet HTML 1Page - TEWS Technologies GmbH TPCE200 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Technical Information
 Form Factor: PCI Express x1, Revision 2.0
 Board size: approx. 263mm x 111mm
 ANSI/VITA 4-1995 compliant interface to
IndustryPack modules
 IndustryPack slots: Up to four single-size IPs or
two double-size IPs
 8/32 MHz interface, no DMA
 8 Mbytes memory space per IP Slot
 Routing of all IP interrupts to PCIe INTA/MSI,
local interrupt status register
 I/O access: 50-pin 0.1 inch flat ribbon cable
connector for each IP slot
 Self-healing fuses and RF filtering on all IP power
lines
 Status LEDs
 ACK LED for each IP module
 +5V Power LED for each IP slot
 +12V and -12V Power LED
 Operating temperature: -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TPCE200-10R: 338000h
TPCE200-11R: 315000h
Order Information
RoHS Compliant
TPCE200-10R
4 Slot IndustryPack Carrier, 50 pin ribbon cable connectors, 12V from PCIe connector
TPCE200-11R
4 Slot IndustryPack Carrier, 50 pin ribbon cable connectors, 12V from PCIe Graphics connector
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPCE200-DOC
User Manual
Software
Carrier-SW-42
VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
Carrier-SW-65
Windows Software Support
Carrier-SW-82
Linux Software Support
Carrier-SW-95
QNX Software Support
For other operating systems please contact TEWS.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com