Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE261 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPCE261
Description  PCI Express x1 PMC Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE261 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPCE261 Datasheet HTML 1Page - TEWS Technologies GmbH TPCE261 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2019-10-19
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
 Form Factor: PCI Express x1, Revision 2.0
 Board size: Half-Length (167.65mm x 111.15mm)
 PCIe Speed: max. 2.5GT/s
 One PMC Slot
 PCI Interface: 33/66MHz, 32-Bit
 PCI I/O Signalling Voltage: 3.3V or 5V (order
option)
 PMC Front Panel I/O
 PMC P14 I/O connected to 68-pin ERNI SMC,
Right-Angle Male, 1.27mm pitch flat cable
connector
 All PMC Power Supplies generated from +12V
 TPCE261-1xR: +12V from PCIe Card Edge
Connector
 TPCE261-2xR: +12V from PCIe Graphics Power
Connector
 JTAG
 14-pin header with four signals (TRST# not
included) routed to the PMC connector
 JTAG reference voltage to the PMC is selectable
from 1.5V, 1.8V, 2.5V and 3.3V
 Operating temperature: -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C):
TPCE261-1xR: 599000h
TPCE261-2xR: 533000h
PCIe (x1)
PCI
32 bit
33/66 MHz
PCIe: +12V
PCI Express
to
PCI
Bridge
-12V DC
5V DC
3.3V DC
+12V Graphics
Power
Connector
VI/O
+3.3V
+5V
-12V
+12V
TPCE261-2x
TPCE261-1x
TPCE261-x0
TPCE261-x1
I/O
Order Information
RoHS Compliant
TPCE261-10R
PCIe x1 PMC Carrier,
V(I/O) = 5V,
12V from PCIe connector
TPCE261-11R
PCIe x1 PMC Carrier,
V(I/O) = 3.3V,
12V from PCIe connector
TPCE261-20R
PCIe x1 PMC Carrier,
V(I/O) = 5V,
12V from external PCIe Graphics Power Connector
TPCE261-21R
PCIe x1 PMC Carrier,
V(I/O) = 3.3V,
12V from external PCIe Graphics Power Connector
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPCE261-DOC
User Manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com