Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE275-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCE275-DOC
Description  PCI Express x1, Gen1 XMC Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE275-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCE275-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCE275-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPCE275
PCI Express x1, Gen1 XMC Carrier
TPCE275-10R
Application Information
The TPCE275 is a standard height PCI Express Revision
1.1 compatible module that provides one slot for a single-
width XMC module used to build modular, flexible and cost
effective I/O solutions for all kinds of applications like
process control, medical systems, telecommunication and
traffic control.
The TPCE275 is a versatile solution to upgrade well
known XMC I/O solutions to the PCI Express signalling
standard.
The PCI Express x1 link from the host board to the XMC
module is enhanced by a PCIe Redriver, allowing safe
operation of XMC modules on PCIe mainboards.
VPWR is selectable via order option. The TPCE275-x0R
variants provide for 12V VPWR and the TPCE275-x1R
order options provide 5V VPWR.
The TPCE275 supports XMC front panel I/O, and also P14
and P16 rear I/O independently.
XMC P14 rear I/O is provided through a VME P2 style
connector (IEC 60603-2, Type C). The I/O mapping of P14
complies with VITA-35 (“PMC P4 to VME-P2, Rows A-C
mapping”).
XMC P16 rear I/O is provided through two 50-pin flat cable
connectors mounted in a 2.54mm grid.
The PCIe edge card connector provides +12V and +3.3V.
The TPCE275-1xR uses the +12V of the PCIe edge card
connector to generate all power supply voltages for the
XMC slot (+3.3V, VPWR and +12V).
According to the PCIe specification, a PCIe x1 card is
limited to 6W on the +12V which allows to operate many of
the available XMC modules on the TPCE275-1xR.
For increased power requirements of an XMC module, the
TPCE275-2xR offer a PCIe Graphics Power Connector to
supply the +12V for generating all the power supply
voltages for the XMC slot providing power of up to 25W.
A 10-pin JTAG header is available for XMC module
debugging purposes. All five JTAG signals are routed
directly to the XMC slot.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.3
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCE275-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCE277 TEWS-TPCE277 Datasheet
434Kb / 2P
PCI Express x1, Gen3 XMC Carrier
2017-08-31
TPCE277-10R TEWS-TPCE277-10R Datasheet
434Kb / 2P
PCI Express x1, Gen3 XMC Carrier
2017-08-31
TPCE277-11R TEWS-TPCE277-11R Datasheet
434Kb / 2P
PCI Express x1, Gen3 XMC Carrier
2017-08-31
TPCE277-20R TEWS-TPCE277-20R Datasheet
434Kb / 2P
PCI Express x1, Gen3 XMC Carrier
2017-08-31
TPCE277-21R TEWS-TPCE277-21R Datasheet
434Kb / 2P
PCI Express x1, Gen3 XMC Carrier
2017-08-31
More results

Similar Description - TPCE275-DOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
X1 PCI Express Serial Link
logo
NXP Semiconductors
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
Integrated Device Techn...
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Texas Instruments
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
X1 PCI Express Serial Link
logo
Advantech Co., Ltd.
MIC-6131 ADVANTECH-MIC-6131 Datasheet
555Kb / 1P
3U OpenVPX XMC carrier
17-Jun-2019
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com