Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCE277-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCE277-DOC
Description  PCI Express x1, Gen3 XMC Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCE277-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCE277-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCE277-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPCE277
PCI Express x1, Gen3 XMC Carrier
TPCE277-10R
Application Information
The TPCE277 is a standard height PCI Express Revision
3.0 compatible module that provides one slot for a single-
width XMC module used to build modular, flexible and cost
effective I/O solutions for all kinds of applications like
process control, medical systems, telecommunication and
traffic control.
The TPCE277 is a versatile solution to upgrade well
known XMC I/O solutions to the PCI Express signalling
standard.
The PCI Express x1 link from the host board to the XMC
module is improved by a PCIe Gen3 Redriver, allowing
safe operation of XMC modules on PCIe mainboards.
VPWR is selectable via order option. The TPCE277-x0R
variants provide for 12V VPWR and the TPCE277-x1R
order options provide 5V VPWR.
The TPCE277 supports XMC front panel I/O.
The PCIe edge card connector provides +12V and +3.3V.
The TPCE277-1xR uses the +12V of the PCIe edge card
connector to generate all power supply voltages for the
XMC slot (+3.3V, VPWR and +12V). According to the
PCIe specification, a PCIe x1 card is limited to 6W on the
+12V which allows to operate many of the available XMC
modules on the TPCE277-1xR.
For increased power requirements of an XMC module, the
TPCE277-2xR offer a PCIe Graphics Power Connector to
supply the +12V for generating all the power supply
voltages for the XMC slot providing power of up to 25W.
A 10-pin JTAG header is available for XMC module
debugging purposes. All five JTAG signals are routed
directly to the XMC slot.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCE277-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCE275 TEWS-TPCE275 Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-10R TEWS-TPCE275-10R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-11R TEWS-TPCE275-11R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-20R TEWS-TPCE275-20R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
TPCE275-21R TEWS-TPCE275-21R Datasheet
189Kb / 2P
PCI Express x1, Gen1 XMC Carrier
2017-08-31
More results

Similar Description - TPCE277-DOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
X1 PCI Express Serial Link
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
PCI Express Gen3 Switch
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com