Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC372-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC372-DOC
Description  Conduction Cooled PMC, 4 Channel RS232/RS422
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC372-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC372-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC372-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC372-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TPMC372
Conduction Cooled PMC, 4 Channel RS232/RS422
TPMC372-10R
Application Information
The TPMC372 is a conduction cooled single-width 32 bit
PMC module and offers 4 channels of high performance
asynchronous serial interface.
Three different standard modules are available: The
TPMC372-10xR
provides
4
RS232
interfaces.
The
TPMC372-11xR
provides
4
RS422
interfaces.
The
TPMC372-12xR
provides
2
RS232
and
2
RS422
interfaces.
Other configurations are available as factory build option
on a per channel base.
All modules offer P14 I/O. Each RS232 channel supports
RxD, TxD, RTS, CTS and GND. Each RS422 channel
supports RxD+/-, TxD+/- and GND. One channel of the
TPMC372-10xR/-12xR offers full modem support (TxD,
RxD, CTS, RTS, DSR, DTR, CD, RI and GND) for RS232.
One channel of the TPMC372-11xR supports RxD+/-,
TxD+/-, RTS+/-, CTS+/- and GND for RS422.
Each channel has 64 byte transmit and receive FIFOs to
significantly reduce the overhead required to provide data
to and get data from the transmitters and receivers. The
FIFO trigger levels are programmable and the baud rate is
individually programmable up to 921.6 kbps for RS232
channels and 5.5296 Mbps for RS422 channels. The
UART offers readable FIFO levels.
All channels generate interrupts on PCI interrupt INTA. For
fast interrupt source detection the UART provides a
special Global Interrupt Source Register.
All serial channels use ESD protected transceivers. ESD
protection is up to ±15KV.
The TPMC372 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
Software
Support
(TDRV002-SW-xx)
for
different
operating systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC372-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC371 TEWS-TPMC371 Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-10R TEWS-TPMC371-10R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-11R TEWS-TPMC371-11R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-12R TEWS-TPMC371-12R Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
TPMC371-DOC TEWS-TPMC371-DOC Datasheet
118Kb / 3P
Conduction Cooled PMC, 8 Channel RS232/RS422
2017-08-31
More results

Similar Description - TPMC372-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com