Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2948 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 2948
Description  Low Phase Noise Communications Service Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

2948 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  2948 Datasheet HTML 1Page - Aeroflex Circuit Technology 2948 Datasheet HTML 2Page - Aeroflex Circuit Technology 2948 Datasheet HTML 3Page - Aeroflex Circuit Technology 2948 Datasheet HTML 4Page - Aeroflex Circuit Technology 2948 Datasheet HTML 5Page - Aeroflex Circuit Technology 2948 Datasheet HTML 6Page - Aeroflex Circuit Technology 2948 Datasheet HTML 7Page - Aeroflex Circuit Technology 2948 Datasheet HTML 8Page - Aeroflex Circuit Technology 2948 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
A
Allll tth
he
e b
be
en
ne
effiitts
s o
off tth
he
e 2
29
94
45
5A
A b
bu
utt w
wiitth
h a
a llo
ow
w p
ph
ha
as
se
e n
no
oiis
se
e s
siig
gn
na
all g
ge
en
ne
erra
atto
orr,,
ffo
orr tth
he
e m
mo
orre
e c
crriittiic
ca
all rre
ec
ce
eiiv
ve
err tte
es
sttiin
ng
g
Wireless
2948 Low Phase Noise
•
Low phase noise signal generator
•
High stability reference oscillator (OCXO)
as standard
•
Accurate power measurement to 150 W
•
Transient and harmonic analysis
•
Fast response high resolution bar charts
for peaking and nulling
•
Tracking generator with full offset track-
ing
•
Full span spectrum analyzer with ‘live’
look and listen
The 2948 Communications Service Monitor is
the lightest, most rugged service monitor avail-
able with low phase-noise signal generation.
For field work, the 2948 provides an excellent
combination of instruments for all types of
maintenance work. In the workshop it provides
all of the performance you would expect for
exacting measurements.
Low Phase-Noise Signal Generator
The 2948 differs from its 2945A cousin by provid-
ing a low phase-noise signal generator as standard.
This enhanced capability allows accurate meas-
urement of the noise characteristics of all FM
receivers and is especially beneficial when making
accurate measurement of narrow band receivers.
The performance of the 2948 enables signal-to-
noise measurements of better than 46 dB to be
made on receivers with 12.5 kHz channel spacing.
Field Operation
At under 12 kg the 2948 lightens the load to remote sites. The shape
of the 2948 is ideal for carrying; the side handle ensures that the
instrument is clear of the stairs when ascending buildings and the
2948’s depth is suitable for the instrument to be operated comfort-
ably when it is placed on the floor.
An optional bail arm handle is also available. This option allows a
stowage cover to be fitted over the front panel for storage of adapters
and further protection to the instrument’s front panel. Full opera-
tion is possible from the protective ‘ever-ready’ case so that your
investment is protected from transit damage.
Stored settings may be recalled from internal memory or from a
memory card allowing fast and straightforward setting up.
Fast Full Performance Spectrum Analyzer - provided as stan-
dard
The spectrum analyzer provides spans from 100 Hz per division to
100 MHz per division and also has a fully adjustable reference level.
Speed is comparable with analog analyzers, allowing real time adjust-
ments over the displayed dynamic range. With the tracking genera-
tor provided as standard, duplexers and filters can be aligned quick-
ly and easily. An offset facility provides testing of equipment with fre-
Communications Service Monitor
2948iss15.qxd
01/Dec/2004
10:07
Page 1


Similar Part No. - 2948

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2948 POMONA-2948 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
2948-12- POMONA-2948-12- Datasheet
216Kb / 1P
Patch Cords and Test Leads
2948-12-0 POMONA-2948-12-0 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
2948-12-2 POMONA-2948-12-2 Datasheet
23Kb / 1P
Stacking Standard Banana Plug Each End
2948-24- POMONA-2948-24- Datasheet
216Kb / 1P
Patch Cords and Test Leads
More results

Similar Description - 2948

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
Communications Clock Monitor
Revision 102600
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
Low Phase Noise
OXO10-1-412 SYNERGY-OXO10-1-412 Datasheet
1Mb / 2P
Exceptionally Low Phase Noise
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
M/A-COM Technology Solu...
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
logo
MTRONPTI
M3027 MTRONPTI-M3027 Datasheet
233Kb / 5P
Low Phase Noise
logo
Unisonic Technologies
UGV3040L-TA3-T UTC-UGV3040L-TA3-T Datasheet
199Kb / 4P
Low Phase Noise
logo
Abracon Corporation
ASTX12-ASVTX12 ABRACON-ASTX12-ASVTX12 Datasheet
2Mb / 4P
Low phase noise
01.27.2017
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD_18 Datasheet
915Kb / 2P
Low Phase Noise Type
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A Datasheet
545Kb / 3P
Low Phase Noise TCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com