Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1 Datasheet(PDF) 1 Page - Metcal

Part # WS1
Description  60W Single Output Solder / Rework System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 1 Page - Metcal

  WS1 Datasheet HTML 1Page - Metcal WS1 Datasheet HTML 2Page - Metcal WS1 Datasheet HTML 3Page - Metcal WS1 Datasheet HTML 4Page - Metcal WS1 Datasheet HTML 5Page - Metcal WS1 Datasheet HTML 6Page - Metcal WS1 Datasheet HTML 7Page - Metcal WS1 Datasheet HTML 8Page - Metcal WS1 Datasheet HTML 9Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MFR-1100 Series
60W Single Output Solder / Rework System
MFR-1100: 5 Handpiece Options:
There Is A System That’s Right For You
Metcal's MFR-1100 Soldering Systems are powerful,
cost-effective systems with a wide variety of options and
accessories to meet just about any application. The MFR-
1100 power supply has a powerful 60W output, and a wide
variety of cartridges and tips are available so your operators
can complete just about any task. 5 hand-pieces are available,
including a desoldering option, so the MFR-1100 can meet just
about any need.
The MFR-1100 series uses SmartHeat® Technology, a
microprocessor controlled heating system which operates at lower
temperatures and eliminates calibration time. With soldering and
desoldering capabilities, the MFR-1100 eliminates the need for two
separate units.
The MFR-1100 series is your best choice for a versatile soldering
system with a small footprint.
MFR-1100 Series Features and Benefits
• Many options enable you to create the system you need
• 60W output gives you the power you need while using lower
and safer temperatures.
• SmartHeat® tips and cartridges sense the load and instantly
delivers the right amount of heat to the joint.
• No calibration required which saves money and down-time.
www.metcal.com
Technical Specifications
Pg 1
Power Supply Part No.
MFR-PS1100
Ambient Operating Temp.
10 - 40°C (50 - 104°F)
Max. Enclosure Temp.
55°C (131°F)
Input Line Voltage
100 - 240 VAC
Power Consumption
70W Max.
Input Line Frequency
50/60 Hz grounded circuit
Output Power
60W @ 22°C/output*
Output Frequency
450 KHz
Power Cord (3-wire)
183cm (6’), 18/3 SJT
Dimensions (approx.) W x D x H
90 x 142 x 197.5mm (3.5” x 5.6” x 7.8”)
Weight
2.3 kg (5.05 lbs)
Surface Resistivity
105- 109 Ohms
Certification / Marking
cTUVus, CE
Soldering Handle and Coil Assembly Specifications
Tip-to-Ground Potential
< 2 mV RMS
Tip-to-Ground Resistance
<2 ohms
Idle Temperature Repeatability
± 1.1°C (2°F) in still air
Handle Cord Assembly Length
122cm (4’) – burn proof, ESD safe
Connector
8-pin circular DIN
Workstand W x D x H
100 x 200 x 100mm (4” x 8” x 4”)
Workstand Weight
0.69 kg (1.51 lbs)
* RF SmartHeat Technology provides greater power. More details
at www.metcal.com
5 Hand-piece Options
Solder Cartridge Hand-piece (MFR-H1-SC2)
Standard equipment with MFR-1110/1161
Tip Solder Hand-piece (MFR-H2-ST2)
Standard equipment with MFR-1120
SSC Cartridge Solder Hand-piece (MFR-H6-SSC)
Standard equipment with MFR-1160/1161
Precision Tweezer Solder
Hand-piece (MFR-H4-TW).
Standard equipment with
MFR-1140
Desolder Hand-piece
(MFR-H5-DS).
Available as an
accessory; see page 3


Similar Part No. - WS1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
WS1 E-SWITCH-WS1 Datasheet
805Kb / 3P
WS1 Series Snap Action Switch
logo
OKI electronic componet...
WS1 OKI-WS1 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
WS1 METCAL-WS1 Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
WS1 METCAL-WS1 Datasheet
3Mb / 6P
60W Dual Output System w/ Internal Pump Data Sheet
WS1 METCAL-WS1 Datasheet
1Mb / 8P
Dual Output 60W Solder / Rework Station Series
8/2016
More results

Similar Description - WS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
60W Open Frame Single Output
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
60W, Single Output Adapter
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
60W Single Output Medical Type
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
Create Your Own Rework System
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
Soldering and Rework System
logo
Mean Well Enterprises C...
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
60W Single Output Moistureproof Adaptor
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
60W Single Output External Power
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
60W Single Output External Power
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
60W Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com