Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP-CH30 Datasheet(PDF) 2 Page - Metcal

Part # STP-CH30
Description  60W Single Output Solder / Rework System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

STP-CH30 Datasheet(HTML) 2 Page - Metcal

  STP-CH30 Datasheet HTML 1Page - Metcal STP-CH30 Datasheet HTML 2Page - Metcal STP-CH30 Datasheet HTML 3Page - Metcal STP-CH30 Datasheet HTML 4Page - Metcal STP-CH30 Datasheet HTML 5Page - Metcal STP-CH30 Datasheet HTML 6Page - Metcal STP-CH30 Datasheet HTML 7Page - Metcal STP-CH30 Datasheet HTML 8Page - Metcal STP-CH30 Datasheet HTML 9Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.metcal.com
Pg 2
Each system includes
1 Tip Cleaner per
hand-piece
SxP Soldering
Cartridges
See pg. 4
SSC Soldering
Cartridges
See pg. 9
**SSC Cartridges
are compatible with
Metcal’s SP200
Soldering System
SxV
Soldering Tips
See pgs. 6 - 7
I
L
Part No.
Photo
Qty.
Description
MFR-1110
1
Solder System w/Solder Cartridge Hand-piece
Includes:
MFR-PS1100
A
1
MFR-PS1100 Power Supply (60W)
MFR-H1-SC2
B
1
Soldering Cartridge Hand-piece
WS1
F
1
Universal Soldering Workstand
SxP & RxP Cart.
I
Soldering/Rework Cartridges (SOLD SEPARATELY)
MFR-1120
2
Solder System w/Solder/Blade Tip Hand-piece
Includes:
MFR-PS1100
A
1
MFR-PS1100 Power Supply (60W)
MFR-H2-ST2
C
1
Soldering Tip Hand-piece
WS1
F
1
Universal Soldering Workstand
SxV & CxV Tips
J
Soldering/Blade Tips (SOLD SEPARATELY)
MFR-1140
3
Solder System w/Tweezer Cartridge Hand-piece
Includes:
MFR-PS1100
A
1
MFR-PS1100 Power Supply (60W)
MFR-H4-TW
D
1
Tweezer Cartridges Hand-piece
MFR-WSPT
G
1
Tweezer Hand-piece Workstand
TxP Tips
K
Tweezer Cartridges (SOLD SEPARATELY)
MFR-1160
4
Solder System w/SSC Solder Cartridge Hand-piece
(Replacement System for Metcal’s SP200)
Includes:
MFR-PS1100
A
1
MFR-PS1100 Power Supply (60W)
MFR-H6-SSC
E
1
SSC Soldering Cartridge Hand-piece
WS2
H
1
Soldering Workstand For H6-SSC
SSC Cartridges
L
SSC Soldering Cartridges** (SOLD SEPARATELY)
MFR-1161
5
Solder System w/Soldering & SSC Cart. Hand-pieces
Includes:
MFR-PS1100
A
1
MFR-PS1100 Power Supply (60W)
MFR-H1-SC2
B
1
Soldering Cartridge Hand-piece
MFR-H6-SSC
E
1
SSC Soldering Cartridge Hand-piece
WS1
F
1
Universal Soldering Workstand
WS2
H
1
Soldering Workstand For H6-SSC
SxP & RxP Cart.
I
Soldering/Rework Cartridges (SOLD SEPARATELY)
SSC Cartridges
L
SSC Soldering Cartridges** (SOLD SEPARATELY)
J
K
RxP Rework
Cartridges
See pg. 5
CxV Blade
Tips - See
pg. 7
MFR-UK5 Desoldering Kit -
Desolder Hand-piece
(MFR-H5-DS) and Vacuum
Workstand (MFR-WSDSX)
available as an accessory.
See page 3 for additional
upgrade kits.
See page 3
for additional
accessories
MFR-1100 Series Systems
1
2
3
4
5
A
F
F
G
H
H
F
A
A
A
A
B
C
D
E
E
B
TxP Tweezer Cartridges
See pg. 8
Also Available From Metcal -
MFR-2200 60W Dual Output Series:
Dual output w/3 position switch enables
users to use a single hand-piece or 2
hand-pieces simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com