Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP-BVL10 Datasheet(PDF) 5 Page - Metcal

Part # STP-BVL10
Description  60W Dual Output System w/ Internal Pump Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

STP-BVL10 Datasheet(HTML) 5 Page - Metcal

  STP-BVL10 Datasheet HTML 1Page - Metcal STP-BVL10 Datasheet HTML 2Page - Metcal STP-BVL10 Datasheet HTML 3Page - Metcal STP-BVL10 Datasheet HTML 4Page - Metcal STP-BVL10 Datasheet HTML 5Page - Metcal STP-BVL10 Datasheet HTML 6Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.metcal.com
Pg 5
Metcal MFR-1300 Series
SxP Soldering Cartridges
Compatible with: MFR-1110, MFR-1161, MFR-1351, MFR-2211, MFR-2241 Systems and MFR-H1-SC hand-piece
S
FP-CH10
S
TP-CH10
S
CP-CH10
S
FP-CH15
S
TP-CH15
S
CP-CH15
S
FP-CHB15
S
TP-CHB15
S
CP-CHB15
S
FP-CH20
S
TP-CH20
S
CP-CH20
S
FP-CHL20
S
TP-CHL20
S
CP-CHL20
S
FP-CH25
S
TP-CH25
S
CP-CH25
S
FP-CH30
S
TP-CH30
S
CP-CH30
S
FP-CH35
S
TP-CH35
S
CP-CH35
S
FP-CH50
S
TP-CH50
S
CP-CH50
0.36"
9.2mm
0.04"
1mm
0.39"
10mm
0.06"
1.5mm
0.4"
10.0m
0.632”
16.04mm
m
0.08"
2.0mm
.394"
10mm
0.1"
2.5mm
0.12"
3.0mm
0.43"
11.0mm
0.14"
3.5mm
0.43"
11.0mm
0.3"
7.6mm
0.2"
5mm
0.474”
12.04mm
0.06”
1.5mm
0.08”
2.0mm
F = FR4 / Fiberglass, for most standard applications T = Temperature Sensitive C = Ceramic for high thermal demand applications.
SXP SOLDERING & REWORK
CARTRIDGES
S
FP-CN04
S
TP-CN04
S
CP-CN04
S
FP-CNB04
S
TP-CNB04
S
CP-CNB04
S
FP-CNL04
S
TP-CNL04
S
CP-CNL04
S
FP-CN05
S
TP-CN05
S
CP-CN05
S
FP-CNB05
S
TP-CNB05
S
CP-CNB05
S
FP-CNL06
S
CP-CNL06
S
FP-BVL10
S
TP-BVL10
S
CP-BVL10
0.34
"
8.6mm
0.6"
15.21mm
0.59"
14.9mm
0.579"
14.7mm
0.016”
0.4mm
0.016”
0.4mm
0.016”
0.4mm
0.02"
0.5mm
0.56"
14.22mm
0.04"
1.0mm
S
FP-DRH05
S
TP-DRH05
S
CP-DRH05
S
FP-DRH610
S
TP-DRH610
S
CP-DRH610
S
FP-DRH15
S
TP-DRH15
S
CP-DRH15
S
FP-DRH615
S
TP-DRH615
S
CP-DRH615
S
FP-DRH35
S
TP-DRH35
S
CP-DRH35
S
FP-DRK50
S
TP-DRK50
S
CP-DRK50
0.6"
15.21mm
0.02"
0.5mm
.45"
11.6 mm
.039"
1.0mm
0.63"
16mm
0.2"
5.0mm
.06"
1.5mm
60°
.46"
11.6mm
S
TP-WV30
S
FP-WV30
S
CP-WV30
S
TP-WV20
S
FP-WV20
S
CP-WV20
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com