Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP-BVL10 Datasheet(PDF) 5 Page - Metcal

Part # STP-BVL10
Description  60W Single Output Solder / Rework System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

STP-BVL10 Datasheet(HTML) 5 Page - Metcal

  STP-BVL10 Datasheet HTML 1Page - Metcal STP-BVL10 Datasheet HTML 2Page - Metcal STP-BVL10 Datasheet HTML 3Page - Metcal STP-BVL10 Datasheet HTML 4Page - Metcal STP-BVL10 Datasheet HTML 5Page - Metcal STP-BVL10 Datasheet HTML 6Page - Metcal STP-BVL10 Datasheet HTML 7Page - Metcal STP-BVL10 Datasheet HTML 8Page - Metcal STP-BVL10 Datasheet HTML 9Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.metcal.com
Pg 5
Compatible with: MFR- 1110, MFR-1161, MFR-1351, MFR-2211, MFR-2241 Systems,
MFR-H1-SC and MFR-H1-SC2 hand-pieces.
All dimensions shown are in mm (inches)
.36"
9.14mm
.02"
0.5mm
.87"
22.1mm
A
D
A
D
F = FR4 / Fiberglass, for most standard applications
T = Temperature Sensitive
C = Ceramic for high thermal demand applications.
RXP REWORK CARTRIDGES
B
A
A
B
D
SMT TYPE
RFP-BL1
RCP-BL1
10
(0.41)
-
-
-
RFP-BL2
RCP-BL2
15.6
(0.62)
-
-
-
RFP-BL3
RCP-BL3
22.1
(0.87)
-
-
-
R
FP-DL1
R
CP-DL1
5.18
(0.204)
10.16
(0.40)
3.22
(0.127)
Tunnel
SOIC-14-16
R
FP-DL2
R
CP-DL2
5.18
(0.204)
4.32
(0.17)
2.29
(.09)
Tunnel
SOIC-8
R
FP-DL3
R
CP-DL3
6.86
(.270)
11.15
(0.44)
2.29
(.09)
Tunnel
SOIC-16
R
FP-SL1
R
CP-SL1
2.34
(.092)
1.37
(.054)
1.78
(.07)
0805 Chip
Package
R
FP-SL2
R
CP-SL2
3.48
(.137)
1.63
(.064)
1.78
(.07)
1206 Chip
Package
AA2
D
A
A2
D
B
B2
SMT TYPE
R
FP-QD4
R
CP-QD4
12.70
(.500)
11.43
(.450)
3.81
(.150)
15.24
(.600)
13.97
(.550)
PLCC 32
R
FP-QD6
R
CP-QD6
17.78
(.700)
16.76
(.660)
3.81
(.150)
17.78
(.700)
16.76
(.660)
PLCC 44
R
FP-QD7
R
CP-QD7
25.27
(.995)
24.38
(.960)
5.59
(.220)
25.27
(.995)
24.38
(.960)
PLCC 68
R
FP-QD10
R
CP-QD10
20.32
(.800)
19.30
(.760)
3.81
(.150)
20.32
(.800)
19.30
(.760)
PLCC 52
R
FP-QD15
R
CP-QD15
13.34
(.525)
12.32
(.485)
2.79
(.110)
13.34
(.525)
12.32
(.485)
TQFP 80
R
FP-QD19
R
CP-QD19
16.13
(.635)
16.13
(.635)
3.30
(.130)
16.13
(.635)
16.13
(.635)
QFP 44
R
FP-QD20
R
CP-QD20
16.51
(.650)
16.51
(.650)
3.30
(.130)
22.48
(.885)
22.48
(.885)
QFP 100
B
A
D
A2
B2
Metcal MFR-1100 Series
RxP Rework Cartridges



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com