Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2000SBL Datasheet(PDF) 17 Page - Littelfuse

Part # P2000SBL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SBL Datasheet(HTML) 17 Page - Littelfuse

Back Button P2000SBL Datasheet HTML 13Page - Littelfuse P2000SBL Datasheet HTML 14Page - Littelfuse P2000SBL Datasheet HTML 15Page - Littelfuse P2000SBL Datasheet HTML 16Page - Littelfuse P2000SBL Datasheet HTML 17Page - Littelfuse P2000SBL Datasheet HTML 18Page - Littelfuse P2000SBL Datasheet HTML 19Page - Littelfuse P2000SBL Datasheet HTML 20Page - Littelfuse P2000SBL Datasheet HTML 21Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
6,'$&WRUŠ'HYLFHV³3DFNDJH'LPHQVLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 17
www.littelfuse.com
R Package—TO-220AB
The R Package TO-220 is designed to meet mechanical standards as set forth in JEDEC
publication number 95 except for L and P dimensions.
Notes:
• Mold flash shall not exceed 0.13 mm per side.
• Maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 Nm).
• Pin 3 has no connection.
• Tab is non-isolated (connects to middle pin).
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.380
0.420
9.65
10.67
B
0.105
0.115
2.66
2.92
C
0.230
0.250
5.85
6.35
D
0.590
0.620
14.98
15.75
E
0.142
0.147
3.61
3.73
F
0.110
0.130
2.80
3.30
G
0.540
0.575
13.71
14.60
H
0.025
0.035
0.63
0.89
J
0.195
0.205
4.95
5.21
K
0.095
0.105
2.41
2.67
L
0.060
0.075
1.52
1.91
M
0.070
0.085
1.78
2.16
N
0.018
0.024
0.45
0.61
O
0.178
0.188
4.52
4.78
P
0.045
0.060
1.14
1.53
R
0.038
0.048
0.97
1.22
A
O
P
N
M
H
L
J
K
G
F
E DIA.
B
C
D
Case
Temperature
Measurement
Point
PIN 3 *
PIN 2
PIN 1
Note: Maximum torque
to be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
* Gate pin is not used.
PIN 2
R
Notch in gate
lead identifies
non-isolated tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com