Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3100SCMCL Datasheet(PDF) 30 Page - Littelfuse

Part # P3100SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3100SCMCL Datasheet(HTML) 30 Page - Littelfuse

Back Button P3100SCMCL Datasheet HTML 26Page - Littelfuse P3100SCMCL Datasheet HTML 27Page - Littelfuse P3100SCMCL Datasheet HTML 28Page - Littelfuse P3100SCMCL Datasheet HTML 29Page - Littelfuse P3100SCMCL Datasheet HTML 30Page - Littelfuse P3100SCMCL Datasheet HTML 31Page - Littelfuse P3100SCMCL Datasheet HTML 32Page - Littelfuse P3100SCMCL Datasheet HTML 33Page - Littelfuse P3100SCMCL Datasheet HTML 34Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
www.littelfuse.com
9 - 30
© 2006 Littelfuse, Inc. • Telecom Design Guide
'&3RZHU)XVHV³3DFNDJH 'LPHQVLRQV
LTFD 101 Series
The following illustration shows the dimensions of the LTFD 101 series telecommunications
power fuse. Contact Littelfuse for additional options and dimensions.
Dimensions are for reference only.
6-32 INSERT
0.75"
2.50"
2.062"
1.940"
2.00"
0.85"
LOAD
LINE
3.75"
0.305" Dia.
Bullet Terminal
Alarm pin
0.02" x 0.11"
position optional
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com