Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1178IPAPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1178IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 24Page - Texas Instruments ADS1178IPAPR Datasheet HTML 25Page - Texas Instruments ADS1178IPAPR Datasheet HTML 26Page - Texas Instruments ADS1178IPAPR Datasheet HTML 27Page - Texas Instruments ADS1178IPAPR Datasheet HTML 28Page - Texas Instruments ADS1178IPAPR Datasheet HTML 29Page - Texas Instruments ADS1178IPAPR Datasheet HTML 30Page - Texas Instruments ADS1178IPAPR Datasheet HTML 31Page - Texas Instruments ADS1178IPAPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
www.ti.com
PowerPAD THERMALLY-ENHANCED
ICDie
WireBond
WireBond
LeadframeDiePad
ExposedatBaseofPackage
DieAttachEpoxy
(thermallyconductive)
Leadframe
MoldCompount
(Epoxy)
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
die pad to be attached to the PCB using standard
PACKAGING
flow soldering techniques. This soldering allows
efficient attachment to the PCB and permits the board
The PowerPAD concept is implemented in standard
structure to be used as a heat-sink for the package.
epoxy resin package material. The integrated circuit
Using a thermal pad identical in size to the die pad
is attached to the leadframe die pad using thermally
and vias connected to the PCB ground plane, the
conductive epoxy. The package is molded so that the
board designer can now implement power packaging
leadframe die pad is exposed at a surface of the
without additional thermal hardware (for example,
package. This exposure provides an extremely low
external heat sinks) or the need for specialized
thermal resistance to the path between the IC
assembly instructions.
junction and the exterior case. The external surface
of the leadframe die pad is located on the printed
Figure 29 illustrates a cross-section view of a
circuit board (PCB) side of the package, allowing the
PowerPAD package.
Figure 29. Cross-Section View of a PowerPAD Thermally-Enhanced Package
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com