Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20141 Datasheet(PDF) 1 Page - LEMO Connectors

Part # 20141
Description  W - Underwater
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

20141 Datasheet(HTML) 1 Page - LEMO Connectors

  20141 Datasheet HTML 1Page - LEMO Connectors 20141 Datasheet HTML 2Page - LEMO Connectors 20141 Datasheet HTML 3Page - LEMO Connectors 20141 Datasheet HTML 4Page - LEMO Connectors 20141 Datasheet HTML 5Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.lemo.com/int_en/solutions/supreme/w-underwater/evg-1w-302-syme.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
EVG.1W.302.SYME
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
2
Wire Size/AWG
20 - 18
Gender
Standard
Socket / Receptacle
Socket / Receptacle - Fixed Panel Front Mounted
Locking system
Threaded
Size
1W
Series
W - Underwater


Similar Part No. - 20141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20141 ETC2-20141 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
logo
LEMO Connectors
20141 LEMO-20141 Datasheet
173Kb / 4P
B - Indoor keyed
20141 LEMO-20141 Datasheet
173Kb / 4P
B - Indoor keyed
20141 LEMO-20141 Datasheet
179Kb / 4P
B - Indoor keyed
20141 LEMO-20141 Datasheet
173Kb / 4P
B - Indoor keyed
More results

Similar Description - 20141

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
logo
Glenair, Inc.
10KPSI GLENAIR-10KPSI Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
logo
Molex Electronics Ltd.
35150-0200 MOLEX2-35150-0200 Datasheet
60Kb / 1P
6.2 PITCH W/W CONN MALE HOUSING-2P(W/O EAR)
35150-0210 MOLEX2-35150-0210 Datasheet
66Kb / 1P
6.2 PITCH W/W CONN MALE HSG-2P(W/EAR)
35150-0290 MOLEX2-35150-0290 Datasheet
31Kb / 1P
6.2PITCH W/W CONN T.P.A 2P
35150-0310 MOLEX2-35150-0310 Datasheet
71Kb / 1P
7.3 PITCH W/W CONN MALE HSG-3P(W/EAR)
logo
List of Unclassifed Man...
SCDP-2 ETC2-SCDP-2 Datasheet
83Kb / 1P
NA1394-6-W NAHDMI-W
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
EMH XPPOWER-EMH Datasheet
6Mb / 22P
250 W & 350 W Forced-cooled
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com