Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPMC542-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPMC542-DOC
Description  16/8 Channel Voltage & Current Range D/A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC542-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPMC542-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC542-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC542-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
The digital I/O lines are ESD protected. Each digital I/O
line has a dedicated line transmitter with individual output
enable control and a dedicated line receiver. The line
receivers are always enabled, so the digital I/O line level
can always be monitored. Each digital I/O line input is
capable of generating an interrupt triggered on rising
edge, falling edge or both.
Additionally, a debounce filter can be configured to get rid
of bouncing on the digital I/O inputs. Each digital I/O line
has a 4.7kΩ pull resistor to a common reference. The
common pull resistor reference is programmable by
software (one setting for all digital I/O lines) to +3.3V, +5V
or GND.
Technical Information
 Standard single-wide PCI Mezzanine Card (PMC)
 32bit / 33MHz PCI
 DMA Master functionality
 16 or 8 channels of simultaneous update single-
ended unipolar/bipolar 16bit analog output
 Up to 38ksps
 Settling time: typ. 24
μs
 Output voltage ranges:
 0-5V, 0-10V, ±5V, ±10V,
 0-6V, 0-12V, ±6V, ±12V,
 Up to 10mA load with a capacitance up to 10nF
 Output current ranges
 4-20mA, 0-20mA, 0-24mA
 Hardware Correction
 Factory calibrated
 Temperature Sensor on-board
 Programmable conversion rates
 Can be output to other modules
 Can be input from other modules
 Frame Trigger signal for synchronization purposes
 20 channels of tristate capable 5V-tolerant TTL digital
input/output
 ESD protection
 Mini D Ribbon (MDR68) type front I/O connector
TPMC542 Block Diagram
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.3
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com